Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE84G762B Datasheet(PDF) 5 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HE84G762B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
5
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name
Pin # I/O
Description
LCAP2B
53
O Charge Pump Capacitor Pin.
LCAP2A
54
O Charge Pump Capacitor Pin.
LCAP1A
55
O Charge Pump Capacitor Pin.
LCAP1B
56
O Charge Pump Capacitor Pin.
LCAP3A
57
O Charge Pump Capacitor Pin.
LVREG
58
O
Voltage Regulator Output. VDD is regulated to generate LVREG, which is in turns
pumped to LVP. Adjust resistor between LGS1 and LVREG to set LVREG voltage.
LGS1
59
I Regulator Voltage Setting
LVAG
60
O Reference Voltage Output. Fixed 0.9 Volt DC reference voltage
VDD_LCD(VDDA)
61
P Power supply for LCD charge-pump.
GND_LCD(VSSA)
62
P LCD power system ground.
OAC
63
O LCD frame signal for interfacing with LCD segment extender KD80.
OCCK
64
O LCD data load pin for interfacing with LCD segment extender KD80.
GND
65
P Power ground Input.
OPO
66
O Output of OP Amp.
OPIP
67
I Non-inverting input of OP Amp.
OPIN
68
I Inverting input of OP Amp.
DAO
69
O Alternate output of DAC.
VO
70
O DAC Output.
RSTP_N
71
I
System Reset input pin. Level trigger, active low on this pin will put the chip in reset
state.
FXO,
FXI
72,
73
O,
B
External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (‘0’ for
RC type and ‘1’ for crystal type). For RC type oscillator, one resistor needs to be
connected between FXI and GND. For crystal oscillator, one crystal needs to be placed
between FXI and FXO. Please refer to application circuit for details.
TSTP_P
74
I
Test input pin. Please bond this pad and reserve a test point on PCB for debugging. But
for improving ESD, please connect this point with zero Ohm resistor to GND.
SXO,
SXI
75,
76
O,
I
External slow clock pins. Slow clock is clock source for LCD display, TIMER1,
Time-Base and other internal blocks. Both crystal and RC oscillator are provided. The
slow clock type can be selected by mask option MO_SXTAL. Choose ‘0’ for RC type
and ‘1’ for crystal oscillator.
VX
77
I
Input pin for x32 PLL circuit. Connect to external resistor and capacitors as shown in
application circuit.
VDD
78
P
Positive power Input. A 0.1 µF decoupling capacitors should be placed as close to IC
VDD and GND pads as possible for best decoupling effect.
PRT10[7..0]
79~86
B
8-bit bi-directional I/O port 10. The output type of I/O pad can also be selected by mask
option MO_10PP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O
pad as input pad, “1” must be outputted before reading.
PRTD[7..2]
PRTD[1]/SIN
PRTD[0]/SOUT
87~94
B
8-bit bi-directional I/O port D. The output type of I/O pad can also be selected by mask
option MO_DPP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O
as input, ‘1’ must be outputted before reading the pin.
PRTD[7..2] can be used as wake-up pins. PRTD[7..6] can be as external interrupt
sources.
PRTD[1] shares pad with UART Receiver SIN pin.
PRTD[0] shares pad with UART transmitter SOUT pin.
PRTC[7:0]
95~102 B
8-bit bi-directional I/O port C. The output type of I/O pad can also be selected by mask
option MO_CPP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O
as input, ‘1’ must be outputted before reading the pin.
VDD_RAM
103
P Dedicated power input for RAM
IRO
104
O The Infrared output.
PWM
105
O
The PWM output can drive speaker or buzzer directly. Using VDD & PWM to drive
output device.
GND_PWM
106
P Dedicated Ground for PWM output.
CMSG[32..79]
107~154 O
COM[32..79] pads are shared with SEG[95..48] outputs. The functions of the pads to be
COM drivers or SEG drivers can be selected by mask option MO_COM[1..0]. Please



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com