Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9199GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9199GS
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9199GS Datasheet HTML 1Page - Richtek Technology Corporation RT9199GS Datasheet HTML 2Page - Richtek Technology Corporation RT9199GS Datasheet HTML 3Page - Richtek Technology Corporation RT9199GS Datasheet HTML 4Page - Richtek Technology Corporation RT9199GS Datasheet HTML 5Page - Richtek Technology Corporation RT9199GS Datasheet HTML 6Page - Richtek Technology Corporation RT9199GS Datasheet HTML 7Page - Richtek Technology Corporation RT9199GS Datasheet HTML 8Page - Richtek Technology Corporation RT9199GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9199
4
DS9199-07
September 2007
www.richtek.com
Functional Pin Description
VIN
Input voltage which supplies current to the output pin. Connect this pin to a well-decoupled supply voltage. To prevent the
input rail from dropping during large load transient, a large, low ESR capacitor is recommended to use. The capacitor
should be placed as close as possible to the VIN pin.
GND (Exposed Pad)
Common Ground. The exposed pad must be soldered to a large PCB and connected to GND for maximum power
dissipation.
VCNTL
VCNTL supplies the internal control circuitry and provides the drive voltage. The driving capability of output current is
proportioned to the VCNTL. Connect this pin to 5V bias supply to handle large output current with at least 1
μF capacitor
from this pin to GND. An important note is that VIN should be kept lower or equal to VCNTL.
REFEN
Reference voltage input and active low shutdown control pin. Two resistors dividing down the VIN voltage on the pin to
create the regulated output voltage. Pulling the pin to ground turns off the device by an open-drain, such as 2N7002,
signal N-MOSFET.
VOUT
Regulator output. VOUT is regulated to REFEN voltage that is used to terminate the bus resistors. It is capable of sinking
and sourcing current while regulating the output rail. To maintain adequate large signal transient response, typical value
of 1000
μF Al electrolytic capacitor with 10μF ceramic capacitors are recommended to reduce the effects of current
transients on VOUT.
Function Block Diagram
GND
VCNTL
REFEN
Current Limit
Thermal Protection
VOUT
EA
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com