Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9199GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9199GS
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9199GS Datasheet HTML 1Page - Richtek Technology Corporation RT9199GS Datasheet HTML 2Page - Richtek Technology Corporation RT9199GS Datasheet HTML 3Page - Richtek Technology Corporation RT9199GS Datasheet HTML 4Page - Richtek Technology Corporation RT9199GS Datasheet HTML 5Page - Richtek Technology Corporation RT9199GS Datasheet HTML 6Page - Richtek Technology Corporation RT9199GS Datasheet HTML 7Page - Richtek Technology Corporation RT9199GS Datasheet HTML 8Page - Richtek Technology Corporation RT9199GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9199
3
DS9199-07
September 2007
www.richtek.com
Figure 3. Current Limit for High Side, ILIM
Figure 4. Current Limit for Low Side, ILIM
Figure 5. REFEN Pin Shutdown Threshold, VIH & VIL
VIN
REFEN
GND
VCNTL
VOUT
RT9199
0.9V
C
OUT
I
L
V
OUT
V
A
V
IN = 1.8V
V
CNTL = 5V
VIN
REFEN
GND
VCNTL
VOUT
RT9199
V
IN = 1.8V
0.9V
C
OUT
I
L
V
OUT
V
A
Power Supply
with Current Limit
V
CNTL = 5V
VIN
REFEN
GND
VCNTL
VOUT
RT9199
V
IN = 1.8V
C
OUT
V
OUT
V
R
L
0.9V
0V
R
L and COUT
Time deleay
0.9V
0.15V
V
OUT
V
REFEN
V
OUT would be low if VREFEN < 0.15V
V
OUT would be high if VREFEN > 0.6V
V
CNTL = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com