Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9199GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9199GS
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9199GS Datasheet HTML 5Page - Richtek Technology Corporation RT9199GS Datasheet HTML 6Page - Richtek Technology Corporation RT9199GS Datasheet HTML 7Page - Richtek Technology Corporation RT9199GS Datasheet HTML 8Page - Richtek Technology Corporation RT9199GS Datasheet HTML 9Page - Richtek Technology Corporation RT9199GS Datasheet HTML 10Page - Richtek Technology Corporation RT9199GS Datasheet HTML 11Page - Richtek Technology Corporation RT9199GS Datasheet HTML 12Page - Richtek Technology Corporation RT9199GS Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9199
9
DS9199-07
September 2007
www.richtek.com
General Regulator
The RT9199 could also serves as a general linear regulator.
The RT9199 accepts an external reference voltage at
REFEN pin and provides output voltage regulated to this
reference voltage as shown in Figure 6, where
VOUT = VREFEN x R2/(R1+R2)
As other linear regulator, dropout voltage and thermal issue
should be specially considered. Figure 7 shows the RDS(ON)
over temperature of RT9199. The minimum dropout voltage
could be obtained by the product of RDS(ON) and output
current. For thermal consideration, please refer to the
relative sections.
Application Information
Consideration while designing the resistance of
voltage divider
Refer to the “Typical Application Circuit”.Make sure the
current sinking capability of pull-down NMOS is enough
for the chosen voltage divider to pull-down the voltage at
REFEN pin below 0.15V to shutdown the device.
In addition, the capacitor CSS and voltage divider form the
low-pass filter. There are two reasons doing this design;
one is for output voltage soft-start while another is for noise
immunity.
How to reduce power dissipation on Notebook PC
or the dual channel DDR SDRAM application?
In notebook application, using RichTek's Patent
“
Distributed Bus Terminator Topology” with choosing
RichTek's product is encouraged.
Distributed Bus Terminating Topology
R0
R9
R8
R7
R6
R5
R4
R3
R2
R1
R(2N)
R(2N+1)
RT9199
RT9199
VOUT
VOUT
REFEN
BUS(0)
BUS(1)
BUS(2)
BUS(3)
BUS(4)
BUS(5)
BUS(6)
BUS(7)
BUS(8)
BUS(9)
BUS(2N)
BUS(2N+1)
Terminator Resistor
Input Capacitor and Layout Consideration
Place the input bypass capacitor as close as possible to
the RT9199. A low ESR capacitor larger than 470uF is
recommended for the input capacitor. Use short and wide
traces to minimize parasitic resistance and inductance.
Inappropriate layout may result in large parasitic inductance
and cause undesired oscillation between RT9199 and the
preceding power converter.
Thermal Consideration
RT9199 regulators have internal thermal limiting circuitry
designed to protect the device during overload conditions.
For continued operation, do not exceed absolute maximum
operation junction temperature 125
°C. The power
dissipation definition in device is:
PD = (VIN - VOUT) x IOUT + VIN x IQ
Figure 6
VCNTL
REFEN
GND
VIN
VOUT
RT9199
V
REFEN
R1
R2
Figure 7
RDS(ON) vs. Temperature
0.28
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
-50
-25
0
255075
100
125
Temperature
VCNTL = 5V, VREFEN = 1V
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com