Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9205APS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9205APS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205APS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9205APS Datasheet HTML 2Page - Richtek Technology Corporation RT9205APS Datasheet HTML 3Page - Richtek Technology Corporation RT9205APS Datasheet HTML 4Page - Richtek Technology Corporation RT9205APS Datasheet HTML 5Page - Richtek Technology Corporation RT9205APS Datasheet HTML 6Page - Richtek Technology Corporation RT9205APS Datasheet HTML 7Page - Richtek Technology Corporation RT9205APS Datasheet HTML 8Page - Richtek Technology Corporation RT9205APS Datasheet HTML 9Page - Richtek Technology Corporation RT9205APS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT9205/A
Preliminary
6
DS9205/A-08 March 2007
www.richtek.com
Absolute Maximum Ratings
Electrical Characteristics
l
Supply Voltage VCC ------------------------------------------------------------------------------------------------ 7V
l
BOOT & UGATE to GND ------------------------------------------------------------------------------------------- 19V
l
Input, Output or I/O Voltage --------------------------------------------------------------------------------------- GND-0.3V to 7V
l
Package Thermal Resistance
SOP-14,
θJA ----------------------------------------------------------------------------------------------------------------------------------------------------- 160°C/W
l
Ambient Temperature Range --------------------------------------------------------------------------------------0
°C to +70°C
l
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to +125°C
l
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to +150°C
l
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
(VCC = 5V, TA = 25° C, Unless otherwise specified.)
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
UGATE, LGATE open
--
3
--
mA
VCC Regulated Voltage
VCC
VBOOT = 12V
5
6
7
V
Power-On Reset
Rising VCC Threshold
3.8
4.1
4.4
V
VCC Threshold Hysteresis
--
0.5
--
V
Reference
Reference Voltage
VFB
Both PWM and linear regulator
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
250
300
350
kHz
Ramp Amplitude
∆ VOSC
--
1.75
--
VP-P
PWM Error Amplifier
DC gain
32
35
38
dB
PWM Controller Gate Driver
Upper Drive Source
RUGATE
BOOT= 12V
BOOT-VUGATE = 1V
--
7.5
11
Ω
Upper Drive Sink
RUGATE
VUGATE = 1V
--
5
8
Ω
Lower Drive Source
RLGATE
VCC - VLGATE = 1V,
--
3.5
6
Ω
Lower Drive Sink
RLGATE
VLGATE = 1V
--
2
5
Ω
Linear Regulator
DRV Driver Source
VDRV = 2V
100
--
--
mA
Protection
FB Over-Voltage Trip
FB Rising
0.9
1
--
V
FB & FBL Under-Voltage Trip
FB & FBL Falling
--
0.5
0.65
V
Soft-Start Interval
--
2.5
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com