Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9205APS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9205APS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205APS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9205APS Datasheet HTML 3Page - Richtek Technology Corporation RT9205APS Datasheet HTML 4Page - Richtek Technology Corporation RT9205APS Datasheet HTML 5Page - Richtek Technology Corporation RT9205APS Datasheet HTML 6Page - Richtek Technology Corporation RT9205APS Datasheet HTML 7Page - Richtek Technology Corporation RT9205APS Datasheet HTML 8Page - Richtek Technology Corporation RT9205APS Datasheet HTML 9Page - Richtek Technology Corporation RT9205APS Datasheet HTML 10Page - Richtek Technology Corporation RT9205APS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9205/A
Preliminary
7
DS9205/A-08 March 2007
www.richtek.com
Typical Operating Characteristics
Dead Time
Time (50ns/Div)
VCC = 5V
UGATE
LGATE
Dead Time
Time (50ns/Div)
VCC = 5V
UGATE
LGATE
Power On
Time (2.5ms/Div)
VCC = 5V
VOUT1 = 2.5V
VOUT2 = 1.8V
VCC
VOUT1
VOUT2
Power Off
Time (50ms/Div)
VCC
VOUT1
VOUT2
VCC = 5V
VOUT1 = 2.5V
VOUT2 = 1.8V
Load Transient
Time (5us/Div)
VCC = 5V
VOUT = 2.2V
COUT = 3000uF
VOUT
UGATE
Load Transient
Time (5us/Div)
VCC = 5V
VOUT = 2.2V
COUT = 3000uF
VOUT
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com