Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9205APS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9205APS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205APS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9205APS Datasheet HTML 7Page - Richtek Technology Corporation RT9205APS Datasheet HTML 8Page - Richtek Technology Corporation RT9205APS Datasheet HTML 9Page - Richtek Technology Corporation RT9205APS Datasheet HTML 10Page - Richtek Technology Corporation RT9205APS Datasheet HTML 11Page - Richtek Technology Corporation RT9205APS Datasheet HTML 12Page - Richtek Technology Corporation RT9205APS Datasheet HTML 13Page - Richtek Technology Corporation RT9205APS Datasheet HTML 14Page - Richtek Technology Corporation RT9205APS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9205/A
Preliminary
13
DS9205/A-08 March 2007
www.richtek.com
Reference Voltage
Because RT9205/A uses a low 35dB gain error amplifier,
as shown in Figure 10. The v oltage regulation is
dependent on VIN and VOUT settings. The FB reference
voltage of 0.8V were trimmed at VIN = 5V and VOUT = 2.5V.
In a fixed VIN = 5V application, the FB reference voltage
vs. VOUT voltage can be calculated as Figure 11.
Feedback Divider
The reference of RT9205/A is 0.8V. The output voltage can
be set using a resistor-divider as shown in Figure 12. Put
the R1 and R2 as close as possible to FB pin. R2 value
should be less than 1 k
Ω to avoid noise coupling issue.
The C1 capacitor is a speed-up capacitor for reducing output
ripple to meet with the requirement of fast transient load.
Typically, value between 1nF and 0.1
µF is enough for C1.
PWM Layout Considerations
MOSFETs switch very fast in efficiency. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency and radiate noise, that
results in over-voltage stress on devices. Careful the
layout for component placement layout and printed circuit
design can minimize the voltage spikes induced in the
converter. Consider, as an example, the turn-off transition
of the upper MOSFET prior to turn-off, the upper MOSFET
was carrying the full load current. During turn-off, current
stops flowing in the upper MOSFET and is picked up by
the lower MOSFET or Schottky diode. Any inductance in
the switched current path generates a large voltage spike
during the switching interval. Care with component
selections, layout of the critical components, and use
shorter and wider PCB traces that help in minimizing the
magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using the RT9205/A. The switching power
components are most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
Figure 11
Figure 10
+
-
EA
+
-
PWM
I 3
56K
I 2
1K
+
-
FB
REP
0.8V
RAMP
1.75V
Duty (%)
80
70
60
20
30
40
50
0.82
0.78
0.80
0.81
0.79
10
90
VIN = 5V
×
FB
Duty - 50
V
= 0.8 - (
)
6.25mV
100
Figure 12
V
IN
R1
C1
FB
RT9205/A
V
OUT
L
R2
<1K
C
OUT
×
OUT
FB
R1
V
= V
(1 +)
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com