Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245BPC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9245BPC Datasheet HTML 3Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 4Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 5Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 6Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 7Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 8Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 9Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 10Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
RT9245B
7
DS9245B-02
March 2007
www.richtek.com
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
PWM 1,2,3,4 Open
--
12
16
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.0
4.2
4.5
V
Hysteresis
VCCHYS
0.2
0.5
--
V
Trip (Low to High)
VDVDTP
Enable
0.94
1.0
1.06
V
VDVD Threshold
Hysteresis
VDVDHYS
--
50
--
mV
Oscillator
Free Running Frequency
fOSC
RRT = 20kΩ
170
200
230
kHz
Frequency Adjustable Range
fOSC_ADJ
50
--
400
kHz
Ramp Amplitude
∆VOSC
RRT = 20kΩ
--
1.9
--
V
Ramp Valley
VRV
0.7
1.0
--
V
Maximum Duty of Each Channel
58
64
70
%
RT Pin Voltage
VRT
RRT = 20kΩ
0.9
1.0
1.1
V
Reference and DAC
VDAC ≥ 1V
−1
--
+1
%
DACOUT Voltage Accuracy
∆VDAC
VDAC < 1V
−10
--
+10
mV
DAC (VID0-VID5) Input Low
VILDAC
--
--
0.8
V
DAC (VID0-VID5) Input High
VIHDAC
1.2
--
--
V
To be continued
Recommended Operating Conditions
(Note 3)
l
Supply Voltage, VCC ----------------------------------------------------------------------------------------- 5V
± 10%
l
Junction Temperature Range -------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range -------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings (Note 1)
l
Supply Voltage, VCC ------------------------------------------------------------------------------------------ 7V
l
Input, Output or I/O Voltage -------------------------------------------------------------------------------- GND
− 0.3V to VCC + 0.3V
l
Power Dissipation, PD @ TA = 25
°C
TSSOP-28 ------------------------------------------------------------------------------------------------------ 1W
l
Package Thermal Resistance (Note 4)
TSSOP-28,
θJA ------------------------------------------------------------------------------------------------ 100°C/W
l
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
l
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------- 260
°C
l
Storage Temperature Range --------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com