Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245BPC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9245BPC Datasheet HTML 7Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 8Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 9Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 10Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 11Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 12Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 13Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 14Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
RT9245B
11
DS9245B-02
March 2007
www.richtek.com
Application Information
RT9245B is a multi-phase DC/DC controller that precisely
regulates CPU core voltage and balances the current of
different power channels. The converter consisting of
RT9245B and its companion MOSFET driver RT9619
provides high quality CPUpower and all protection functions
to meet the requirement of modern VRM.
Voltage Control
RT9245B senses the CPU VCORE by SGND pin to sense
the return of CPU to minimize the voltage drop on PCB
trace at heavy load. OVP is sensed at FB pin. The internal
high accuracy VIDDAC provides the reference voltage for
K8 compliance. Control loop consists of error amplifier,
multi-phase pulse width modulator, driver and power
components. As conv entional voltage mode PWM
controller, the output voltage is locked at the VREF of
error amplifier and the error signal is used as the control
signal of pulse width modulator. The PWM signals of
different channels are generated by comparison of EA
output and split-phase sawtooth wave. Power stage
transforms VIN to output by PWM signal on-time ratio.
Current Balance
RT9245B senses the inductor current via inductor's DCR
for channel current balance and droop tuning. The differential
sensing GM amplifier converts the voltage on the sense
component (can be a sense resistor or the DCR of the
inductor) to current signal into internal balance circuit.
The current balance circuit sums and averages the current
signals and then produces the balancing signals injected
to pulse width modulator. If the current of some power
channel is larger than average, the balancing signal
reduces that channels pulse width to keep current balance.
The use of single GM amplifier via time sharing technique
to sense all inductor currents can reduce the offset errors
and linearity variation between GMs. Thus it can greatly
improve signal processing especially when dealing with
such small signal as voltage drop across DCR.
Droop & Load Line Setting
RT9245B injects averaged current IX into the resistor RADJ
connected to ADJ pin to generate a load-current-
dependent voltage RADJ for droop setting:
where N is the phase number of operation.
VADJ is then subtracted from VID_DAC output as the real
reference voltage at non-inverting input of the error amplifier
as shown if Figure 1. Consequently, load line slope is
calculated as :
Fault Detection
The chip detects FB for over voltage and power good
detection. The
“hiccup mode” operation of over current
protection is adopted to reduce the short circuit current.
The in-rush current at the start up is suppressed by the
soft start circuit through clamping the pulse width and
output voltage.
Phase Setting and Converter Start Up
RT9245B interfaces with companion MOSFET drivers (like
RT9619, RT9607 series) for correct converter initialization.
The tri-state PWM output (high, low and high impedance)
senses its interface voltage when IC POR acts (both VCC
and DVD trip). The channel is enabled if the pin voltage is
1.2V less than VCC. Tie the PWM to VCC and the
corresponding current sense pins to GND or left float if
the channel is unused. For example, for 3-Channel
application, connect PWM4 high.
Current Sensing Setting
RT9245B senses the current flowing through inductor via
its DCR for channel current balance and droop tuning.
+
-
EA
IVOSS /4
RCSN
VCORE
DAC
RADJ
VADJ
8IX
Figure 1. Load Line and Offset Function
ADJ
X
ADJ
R
x
I
x
8
V
=
CSN
ADJ
CORE
CORE
R
x
N
DCR
x
R
x
8
ΔI
ΔV
Line
Load
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com