Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245BPC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9245BPC
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245BPC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9245BPC Datasheet HTML 1Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 2Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 3Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 4Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 5Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 6Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 7Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 8Page - Richtek Technology Corporation RT9245BPC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
RT9245B
1
DS9245B-02
March 2007
www.richtek.com
Multi-Phase PWM Controller for K8 CPU Core Power Supply
General Description
RT9245B is a multi-phase buck DC/DC controller
integrated with all control functions for AMD K8 CPU. The
RT9245B could be operated with 2, 3 or 4 buck switching
stages operating in interleaved phase set automatically.
The multiphase architecture provides high output current
while maintaining low power dissipation on power devices
and low stress on input and output capacitors. The high
equiv alent operating frequency also reduces the
component dimension and the output voltage ripple in load
transient.
RT9245B implements both voltage and current loops to
achieve good regulation, response and power stage
thermal balance.
RT9245B applies the DCR sensing technology newly. The
RT9245B extracts the ESR of output inductor as sense
component to deliver a precise load line regulation and
good thermal balance for next generation processor
application.
Current sense setting, droop tuning, VCORE initial offset
and ov er current protection are independent on
compensation circuit of voltage loop. The feature greatly
facilitates the flexibility of CPU power supply design and
tuning. The DAC output of RT9245B supports AMD K8
6-bit VID, precise offset value & smooth VCORE transient
at VID jump. The IC monitors the VCORE voltage for PGOOD
and over-voltage protection. Soft-start, over-current
protection and programmable under-voltage lockout are
also provided to assure the safety of microprocessor and
power system. The RT9245B comes to a small footprint
package TSSOP-28.
Features
l
Multi-Phase Power Conversion with Automatic
Phase Selection
l
6-bit AMD K8 M2 DAC Output with Active Droop
Compensation for Fast Load Transient
l
Smooth VCORE Transition at VID Jump
l
Power Stage Thermal Balance by DCR Current
Sense
l
Hiccup Mode Over-Current Protection
l
Programmable Switching Frequency (50kHz to
400kHz per Phase), Under-Voltage Lockout and Soft-
Start
l
High Ripple Frequency Times Channel Number
l
28-TSSOP Package
l
RoHS Compliant and 100% Lead (Pb)-Free
Applications
l
AMD K8 Processors Voltage Regulator
l
Low Output Voltage, High Current DC-DC Converters
l
Voltage Regulator Modules
Pin Configurations
(TOP VIEW)
TSSOP-28
Ordering Information
Note :
RichTek Pb-free and Green products are :
}RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes.
}100% matte tin (Sn) plating.
VID4
VID3
VID2
VID1
VID0
VID5
SGND
FB
COMP
PGOOD
VCC
PWM1
PWM2
PWM3
PWM4
CSP4
CSP2
CSP3
CSP1
GND
DVD
SS
RT
VOSS
ADJ
IOUT
CSN
IMAX
6
7
8
21
22
23
9
10
11
18
19
20
12
13
14
16
15
17
4
5
24
25
26
2
3
27
28
RT9245B
Package Type
C : TSSOP-28
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9245BPC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245A RICHTEK-RT9245A Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245AGC RICHTEK-RT9245AGC Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245APC RICHTEK-RT9245APC Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245C RICHTEK-RT9245C Datasheet
544Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT9245BPC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801B RICHTEK-RT8801B Datasheet
490Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com