Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9263 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9263
Description  High Efficiency, Low Supply Current, Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9263 Datasheet HTML 1Page - Richtek Technology Corporation RT9263 Datasheet HTML 2Page - Richtek Technology Corporation RT9263 Datasheet HTML 3Page - Richtek Technology Corporation RT9263 Datasheet HTML 4Page - Richtek Technology Corporation RT9263 Datasheet HTML 5Page - Richtek Technology Corporation RT9263 Datasheet HTML 6Page - Richtek Technology Corporation RT9263 Datasheet HTML 7Page - Richtek Technology Corporation RT9263 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9263
Preliminary
1
DS9263-09
March 2007
www.richtek.com
Features
1.0V Low Start-up Input Voltage
High Supply Capability to Deliver 3.3V 100mA with
1V Input Voltage
17
μμμμμA Quiescent (Switch-off) Supply Current
90% Efficiency
550kHz Fixed Switching Rate
Providing Flexibility for Using Internal and
External Power Switches
SOT-89-5 Package
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
PDA
Portable Instrument
DSC
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
Ordering Information
General Description
The RT9263 is a compact, high efficient, step-up DC/DC
converter with an adaptive current mode PWM control
loop, providing a stable and high efficient operation over
a wide range of load currents. It operates in both
continuous and discontinuous current modes in stable
waveforms without external compensation.
The low start-up input voltage below 1V makes RT9263
suitable for 1 to 4 battery cell applications providing up to
400mA output current. The 550kHz high switching rate
minimized the size of external components. Besides, the
17
μA low quiescent current together with high efficiency
maintains long battery lifetime.
(TOP VIEW)
RT9263CCX5
SOT-89-5
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
2
34
5
1
EXT
GND
LX
FB
VDD
RT9263ECX5
SOT-89-5
2
34
5
1
EN
GND
LX
FB
VDD
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9263
Package Type
X5 : SOT-89-5
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
C : Chip enable control
E : Driver for external power devices


Similar Part No. - RT9263

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9263C RICHTEK-RT9263C Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9263CCX5 RICHTEK-RT9263CCX5 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9263ECX5 RICHTEK-RT9263ECX5 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
More results

Similar Description - RT9263

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com