Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BC548C
Description  NPN GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC548C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC548C Datasheet HTML 1Page - Pan Jit International Inc. BC548C Datasheet HTML 2Page - Pan Jit International Inc. BC548C Datasheet HTML 3Page - Pan Jit International Inc. BC548C Datasheet HTML 4Page - Pan Jit International Inc. BC548C Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
NPN GENERAL PURPOSE TRANSISTOR
VOLTAGE
30V/45V/65V
625 mWatts
FEATURES
• NPN epitaxial silicon, planar design
• Collector current I
C = 100mA
• Complimentary (PNP) device:BC556,BC557,BC558 Series
• Pb free product :99% Sn above can meet RoHS
environment substance directive request
MECHANICAL DATA
• Case: TO-92
• Terminals: Solderable per MIL-STD-202, Method 208
• Approx Weight : 0.02grams
• Device Marking :
POWER
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
A
6
4
5
=
A
6
4
5
C
BB
6
4
5
=
B
6
4
5
C
B-
A
7
4
5
=
A
7
4
5
C
BB
7
4
5
=
B
7
4
5
C
BC
7
4
5
=
C
7
4
5
C
B
A
8
4
5
=
A
8
4
5
C
BB
8
4
5
=
B
8
4
5
C
BC
8
4
5
=
C
8
4
5
C
B
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
6
4
5
C
B
7
4
5
C
B
8
4
5
C
B
V
O
E
C
5
6
5
4
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
l
l
o
C
6
4
5
C
B
7
4
5
C
B
8
4
5
C
B
V
O
B
C
0
8
0
5
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
6
4
5
C
B
7
4
5
C
B
8
4
5
C
B
V
O
B
E
0
.
6
0
.
6
0
.
5
V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
CI
C
0
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
MP
T
O
T
5
2
6W
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
5
1
o
t
5
5
-
OC
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θ A
J
0
0
2
O
W
/
C


Similar Part No. - BC548C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC548C MOTOROLA-BC548C Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC548C ONSEMI-BC548C Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Siemens Semiconductor G...
BC548C SIEMENS-BC548C Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548C FAIRCHILD-BC548C Datasheet
21Kb / 2P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
BC548C MCC-BC548C Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
More results

Similar Description - BC548C

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com