Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BC548C
Description  NPN GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC548C Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BC548C Datasheet HTML 1Page - Pan Jit International Inc. BC548C Datasheet HTML 2Page - Pan Jit International Inc. BC548C Datasheet HTML 3Page - Pan Jit International Inc. BC548C Datasheet HTML 4Page - Pan Jit International Inc. BC548C Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
ELECTRICAL CHARACTERISTICS CURVE BC546B,BC547B,BC548B ONLY
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J=25 ˚C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (m A)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (m A)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 1.
Typical ICB0 vs. Junction Temperature
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com