Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC548C
Description  NPN GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC548C Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC548C Datasheet HTML 1Page - Pan Jit International Inc. BC548C Datasheet HTML 2Page - Pan Jit International Inc. BC548C Datasheet HTML 3Page - Pan Jit International Inc. BC548C Datasheet HTML 4Page - Pan Jit International Inc. BC548C Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
ELECTRICAL CHARACTERISTICS (T
J=25
OC, unless otherwise noted)
R
E
T
E
M
A
R
A
Pl
o
b
m
y
S.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
I
(
C
I
,
A
m
0
1
=
B
)
0
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
V
)
R
B
(
O
E
C
5
6
5
4
0
3
--
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
l
l
o
C
I
(
C
I
,
A
u
0
1
=
E
)
0
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
V
)
R
B
(
O
B
C
0
8
0
5
0
3
--
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
I
(
E
I
,
A
u
0
1
=
C
)
0
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
V
)
R
B
(
O
B
E
0
.
6
0
.
6
0
.
5
--
V
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
e
t
t
i
m
E
B
E
)
V
5
=I
O
B
E
--
0
0
1A
n
V
(
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
l
l
o
C
B
C
I
,
V
0
3
=
E
)
0
=
T
J
0
5
1
=
O C
I
O
B
C
-
-
-
-
5
1
0
.
5
A
n
A
u
n
i
a
G
t
n
e
r
r
u
C
C
D
I
(
C
V
,
A
u
0
1
=
E
C
)
V
5
=
I
(
C
V
,
A
m
0
.
2
=
E
C
)
V
5
=
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
B
,
A
6
4
5
C
B
C
,
B
,
A
7
4
5
C
B
C
,
B
,
A
8
4
5
C
B
h
E
F
-
-
-
0
1
1
0
0
2
0
2
4
0
9
0
5
1
0
7
2
0
8
1
0
9
2
0
2
5
-
-
-
0
2
2
0
5
4
0
0
8
-
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
I
(
C
I
,
A
m
0
1
=
B
)
A
m
5
.
0
=
I
(
C
I
,
A
m
0
0
1
=
B
)
A
m
0
.
5
=
V
)
T
A
S
(
E
C
-
-
-
-
5
2
.
0
6
.
0
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
B
I
(
C
I
,
A
m
0
1
=
B
)
A
m
5
.
0
=
I
(
C
I
,
A
m
0
0
1
=
B
)
A
m
0
.
5
=
V
)
T
A
S
(
E
B
-
-
7
.
0
9
.
0
-
-
V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
e
s
a
B
I
(
C
A
m
2
=
, V
E
C
)
A
m
5
.
0
=
I
(
C
V
,
A
m
0
1
=
E
C
)
A
m
0
.
5
=
V
)
T
A
S
(
E
B
8
5
.
0
-
0
6
6
.
0
-
0
7
.
0
7
7
.
0
V
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
l
l
o
CV
(
B
C
I
,
V
0
1
=
E
H
M
1
=
f
,
0
=
Z)C
O
B
C
--
5
.
4F
p
LEGAL STATEMENT
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and information
herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com