Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPWI Datasheet(PDF) 2 Page - Littelfuse

Part # LPWI
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI Datasheet(HTML) 2 Page - Littelfuse

  LPWI Datasheet HTML 1Page - Littelfuse LPWI Datasheet HTML 2Page - Littelfuse LPWI Datasheet HTML 3Page - Littelfuse LPWI Datasheet HTML 4Page - Littelfuse LPWI Datasheet HTML 5Page - Littelfuse LPWI Datasheet HTML 6Page - Littelfuse LPWI Datasheet HTML 7Page - Littelfuse LPWI Datasheet HTML 8Page - Littelfuse LPWI Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
2
LPWI Series
Surface Mount
Electrical Characteristics
Part Number
Size (mm)
Size (Inch)
Thickness
(mm)
Inductance@
1MHz [uH]
DC Resistance [mΩ]
Rated DC Current (A)
Typ.
Max.
Isat, ΔL/L=30%
Itemp, ΔT=40°C
Typ.
Max.
Typ.
Max.
LPWI160808SR24T
1608
0603
0.8
0.24 ± 20%
30
40
3.2
2.8
3.2
2.8
LPWI160808SR47T
1608
0603
0.8
0.47 ± 20%
35
50
2.8
2.5
3.0
2.7
LPWI160808HR47T
1608
0603
0.8
0.47 ± 20%
37
45
3.4
3.1
3.2
2.9
LPWI160808S1R0T
1608
0603
0.8
1.00 ± 20%
130
150
2.0
1.7
2.0
1.7
LPWI160808H1R0T
1608
0603
0.8
1.00 ± 20%
115
135
2.2
2.0
2.0
1.7
LPWI201208SR24T
2012
0805
0.8
0.24 ± 20%
17
22
4.8
4.5
4.1
3.9
LPWI201208SR47T
2012
0805
0.8
0.47 ± 20%
30
35
4.2
4.0
4.0
3.8
LPWI201208HR47T
2012
0805
0.8
0.47 ± 20%
30
35
5.0
4.7
4.0
3.8
LPWI201208SR68T
2012
0805
0.8
0.68 ± 20%
58
65
3.4
3.1
2.8
2.5
LPWI201208S1R0T
2012
0805
0.8
1.00 ± 20%
60
65
3.4
3.1
3.0
2.7
LPWI201208S1R5T
2012
0805
0.8
1.50 ± 20%
110
120
2.3
2.0
2.1
1.9
LPWI201210SR47T
2012
0805
1.0
0.47 ± 20%
25
33
4.7
4.5
4.2
4.0
LPWI201210HR47T
2012
0805
1.0
0.47 ± 20%
25
28
5.4
4.9
4.5
4.3
LPWI201210S1R0T
2012
0805
1.0
1.00 ± 20%
50
60
3.5
3.2
3.0
2.7
LPWI201608NR24T
2016
0806
0.8
0.24 ± 20%
20
25
5.0
4.6
4.2
3.8
LPWI201608HR47T
2016
0806
0.8
0.47 ± 20%
21
27
5.0
4.7
4.1
4.0
LPWI201608H1R0T
2016
0806
0.8
1.00 ± 20%
45
50
3.9
3.6
3.5
3.2
LPWI201608S1R0T
2016
0806
0.8
1.00 ± 20%
50
65
3.3
2.9
3.0
2.6
LPWI201608S1R0T
2016
0806
0.8
1.50 ± 20%
90
120
2.9
2.3
2.1
1.9
LPWI201608S2R2T
2016
0806
0.8
2.20 ± 20%
130
150
2.0
1.6
1.9
1.5
LPWI201610SR47T
2016
0806
1.0
0.47 ± 20%
35
40
4.2
3.5
3.7
3.2
LPWI201610HR47T
2016
0806
1.0
0.47 ± 20%
20
25
5.0
4.5
4.2
3.6
LPWI201610BR47T
2016
0806
1.0
0.47 ± 20%
21
27
5.7
5.5
5.2
4.8
LPWI201610SR68T
2016
0806
1.0
0.68 ± 20%
40
50
4.1
3.7
3.5
3.1
LPWI201610S1R0T
2016
0806
1.0
1.00 ± 20%
58
65
3.2
2.8
3.0
2.6
LPWI201610H1R0T
2016
0806
1.0
1.00 ± 20%
40
45
3.9
3.6
3.1
2.7
LPWI201610B1R0T
2016
0806
1.0
1.00 ± 20%
40
43
4.2
4.0
3.5
3.2
LPWI201610H1R5T
2016
0806
1.0
1.50 ± 20%
85
100
2.7
2.5
2.5
2.3
LPWI201610B2R2T
2016
0806
1.0
2.20 ± 20%
117
140
2.6
2.4
2.1
1.9
LPWI201610S2R2T
2016
0806
1.0
2.20 ± 20%
135
150
2.2
1.8
2.3
1.9
LPWI201610H2R2T
2016
0806
1.0
2.20 ± 20%
115
135
2.7
2.5
2.4
2.2
LPWI252010SR33T
2520
1008
1.0
0.33 ± 20%
20
25
6.8
6.3
5.8
5.3
LPWI252010BR47T
2520
1008
1.0
0.47 ± 20%
21
27
6.4
6.0
5.2
4.6
LPWI252010SR47T
2520
1008
1.0
0.47 ± 20%
25
30
6.0
5.5
4.1
3.7
LPWI252010HR47T
2520
1008
1.0
0.47 ± 20%
22
27
6.6
6.0
5.2
4.4
LPWI252010NR68T
2520
1008
1.0
0.68 ± 20%
32
37
5.5
5.0
4.1
3.5
LPWI252010B1R0T
2520
1008
1.0
1.00 ± 20%
33
36
5.0
4.7
4.3
4.0
LPWI252010S1R0T
2520
1008
1.0
1.00 ± 20%
40
50
4.2
3.8
3.5
3.1
LPWI252010H1R0T
2520
1008
1.0
1.00 ± 20%
35
45
4.6
4.1
3.8
3.5
LPWI252010S1R5T
2520
1008
1.0
1.50 ± 20%
65
80
3.5
3.1
2.8
2.5
LPWI252010B2R2T
2520
1008
1.0
2.20 ± 20%
85
95
3.5
3.1
2.5
2.3
LPWI252010S2R2T
2520
1008
1.0
2.20 ± 20%
100
110
3.0
2.5
2.5
2.3
LPWI252010H2R2T
2520
1008
1.0
2.20 ± 20%
90
97
3.5
3.1
2.5
2.3
LPWI252010S3R3T
2520
1008
1.0
3.30 ± 20%
155
170
2.2
2.0
1.9
1.6
LPWI252010S4R7T
2520
1008
1.0
4.70 ± 20%
230
245
1.9
1.6
1.8
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com