Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPWI Datasheet(PDF) 14 Page - Littelfuse

Part # LPWI
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI Datasheet(HTML) 14 Page - Littelfuse

Back Button LPWI Datasheet HTML 9Page - Littelfuse LPWI Datasheet HTML 10Page - Littelfuse LPWI Datasheet HTML 11Page - Littelfuse LPWI Datasheet HTML 12Page - Littelfuse LPWI Datasheet HTML 13Page - Littelfuse LPWI Datasheet HTML 14Page - Littelfuse LPWI Datasheet HTML 15Page - Littelfuse LPWI Datasheet HTML 16Page - Littelfuse LPWI Datasheet HTML 17Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
14
LPWI Series
Surface Mount
Carrier Tape Dimensions
Symbol
Dimensions
Milimeters
A0
1.90±0.10
B0
2.35±0.10
K0
1.15±0.10
W
8.00±0.2
F
3.50±0.05
E
1.75±0.10
P1
4.00±0.10
P2
2.00±0.05
P0
4.00±0.05
D0
1.50+0.10 & -0
D1
1.00±0.10
t
0.22±0.05
Tape and Reel Dimensions
2016mm, 0.8T
FEEDING HOLE
P1
P2
P0
E
F
B0
K0
A0
SEC: B - B’
5°
W
B’
B
t
A
A’
D0
CHIP INSERTING HOLE
D1
5°
SEC: A - A’
Code
A
B
C
D
E
W
t
R
Dimension
Ø178±2
Min. Ø50
Ø13±0.5
Ø21±0.8
2.0±0.5
10±1.5
0.8±0.2
1.0
2016mm, 0.8T
REEL
TAPE
BA CK (BOTTOM)TAPE
COVERTAPE
45 PITCH
Empty Section
Chip Mounting Section
Empty Section Leading Section
50 PITCH
35 PITCH
E
D
C
W
B
R
A
t
(1)Reel Materials: Polystyrene (2) Label (3)Taping
-Standard Packing Quantity per Reel (Ø178)
- PETape: 3,000pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com