Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPWI Datasheet(PDF) 5 Page - Littelfuse

Part # LPWI
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI Datasheet(HTML) 5 Page - Littelfuse

  LPWI Datasheet HTML 1Page - Littelfuse LPWI Datasheet HTML 2Page - Littelfuse LPWI Datasheet HTML 3Page - Littelfuse LPWI Datasheet HTML 4Page - Littelfuse LPWI Datasheet HTML 5Page - Littelfuse LPWI Datasheet HTML 6Page - Littelfuse LPWI Datasheet HTML 7Page - Littelfuse LPWI Datasheet HTML 8Page - Littelfuse LPWI Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
5
LPWI Series
Surface Mount
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.0 x 1.6 x 0.8 mm size
2.0 x 1.6 x 0.8 mm size
110100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency(MHz)
LPWI201608NR24T
LPWI201608S1R0T
LPWI201608N1R5T
LPWI201608S2R2T
LPWI201608HR47T
LPWI201608H1R0T
01
23
45
6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LPWI201608NR24T
LPWI201608S1R0T
LPWI201608N1R5T
LPWI201608S2R2T
LPWI201608HR47T
LPWI201608H1R0T
Current(A)
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.0 x 1.6 x 1.0 mm size
2.0 x 1.6 x 1.0 mm size
110100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency(MHz)
LPWI201610SR47T
LPWI201610SR68T
LPWI201610S1R0T
LPWI201610S2R2T
0123
4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Current(A)
LPWI201610SR47T
LPWI201610SR68T
LPWI201610S1R0T
LPWI201610S2R2T
Inductive Vs. Frequency Characteristics
Inductive Vs. DC Current Characteristics
2.0 x 1.6 x 1.0 mm size (High Current)
2.0 x 1.6 x 1.0 mm size (High Current)
110100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
LPWI201610BR47T
LPWI201610B1R0T
LPWI201610B2R2T
LPWI201610HR47T
LPWI201610H1R0T
LPWI201610H1R5T
LPWI201610H2R2T
Frequency(MHz)
01
234
56
0.0
0.5
1.0
1.5
2.0
2.5
LPWI201610BR47T
LPWI201610B1R0T
LPWI201610B2R2T
LPWI201610HR47T
LPWI201610H1R0T
LPWI201610H1R5T
LPWI201610H2R2T
Current(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com