Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8370SSC-R1 Datasheet(PDF) 7 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 7 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PN8370
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 7 / 10
AUX
S
CV
REF
N
N
R
R
R
V
Vo
×
+
×
=
)
2
2
1
(
_
(
3)
S
N
means Secondary winding,
AUX
N
means Auxiliary winding
The PN8370 operates in PFM_QR mode during full load mode, since the peak current (Ipeak) of MOSFET is constant,
the chip frequency decreases while the output current decreases. When the switching frequency approaches to 25kHz, the
PN8370 enters PWM_QR mode , the chip frequency decreases slowly while the output current decreases, the Ipeak
decreases while the output current decreases. Therefore the PN8370 can avoid audible noise, while achieving high
efficiency at 25% load conditions. When Vcs decreases to 170mV, the PN8370 enters Standby mode. In this mode, Ipeak
keeps around constant, the chip oscillator frequency decreases while the output current decreases. Figure 2 illustrates the
relations of the switching frequency, Ipeak and Loading for PN8370.
Figure 2 The Switching Frequency, Vipeak VS. LOAD
4. Current Sensing and Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in PN8370. The switch current is detected by a sense resistor at CS pin. The
CC set-point and maximum output power can be externally adjusted by external current sense resistor at CS pin. An
internal leading edge blanking circuit chops off the sensed voltage spike at initial power MOSFET on-state so that the
external RC filtering on sense input is no longer needed.
5. Programmable Cable Drop Compensation
In PN8370, an offset voltage is generated at FB pin by an internal current flowing into the divider resister, as shown in
Figure 3. The Cable Drop Compensation block compensates the voltage drop across the cable. As the load current
decreases from full load to no load, the voltage drop across the cable decreases. It can be programmed by adjusting the
external resistor R2 or R1 at FB pin. The maximum compensation is
V
R
R
I
V
V
cable
O
cable
5
.
2
)
1
//
2
(
×
=
(
4)
Because of the influence of the chip’s sampling position and devices of the system, the actual maximum compensation is
less than theoretical value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com