Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8370SSC-R1 Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  PN8370SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PN8370
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 2 / 10
Pin Definitions
Table 1. Pin Definitions
SOP-7 Pin Number
DIP-8 Pin Number
Pin Name
Pin Function Description
1
1
VDD
Power supply
2
2
NC
No connection
3
3
FB
The voltage feedback from auxiliary winding. Connected to resistor
divider from auxiliary winding reflecting output voltage.
4
4
CS
Current Sense Input
5,6
5,6
SW
Avalanche-rugged power MOSFET Drain pin. The Drain pin is
connected to the primary lead of the transformer.
7
7,8
GND
Ground
Typical power
Table 2. Typical power
Adapter
(1)
Part Number
Package
85-265 VAC
SOP-7
12W
PN8370
DIP-8
15W
Note:
1. Maximum output power is tested in an adapter at 45°C ambient temperature, with enough cooling conditions.
Absolute Maximum Ratings
Supply voltage Pin VDD……...……………………………………….……..…………………………………….….-0.3~40V
High-Voltage Pin, SW……………………………………………………….………………………………..…….…650V
Pin FB, CS……………………………………………………………………………………………………….....…-0.3~5.5V
Operating Junction Temperature……………………………………………………….…………………………..…-40~150℃
Storage Temperature Range…………………………………………………………………...………………………-55~150℃
Package Thermal Temperature (SOP-7) ……………………………………………………….……………….…..…80°C/W
Package Thermal Temperature (DIP-8) ……………………………………………………….……………….………40°C/W
Lead Temperature (Soldering, 10Secs)………………………………………………………….………………..……260℃
ESD Protection (HBM, ESDA/JEDEC JDS-001-2014)
………….…………………………………..………………±4.0kV
Pulse Drain Current……………………………………………………………………………………….……………3.0A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com