Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8370SSC-R1 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  PN8370SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PN8370
Chipown
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 1 / 10
Low Standby-Power Quasi-Resonant Primary-Side Converter
General Description
The PN8370 consists of a Low Standby-Power Quasi-Resonant (QR) Primary-Side controller and a 650V avalanche-rugged smart
power VDMOSFET, specifically designed for a high performance AC/DC charger or adaptor with minimal external components.
PN8370 operates in primary-side sensing and regulation, so opto-coupler and TL431 could be eliminated. Because of internal HV
Start-up circuit, the system with PN8370 can achieve less than 30mW standby power consumption (230VAC). In CV mode,
multi-mode and quasi resonant technique is utilized to achieve high efficiency, avoid audible noise and make the system meeting
Energy star class VI. Good load regulation is achieved by the built-in cable drop compensation. In CC mode, the current and output
power setting can be adjusted externally by the sense resistor at CS pin. PN8370 offers complete protections including Cycle-by-Cycle
current limiting protection (OCP), over voltage protection (OVP), over temperature protection (OTP) and CS open or short protection
(CSO/SP) etc.
Applications
■ Switch AC/DC Adaptor
■ Battery Charger
Features
■
Internal 650 V avalanche-rugged smart power VDMOSFET
■
Internal HV Start-up Circuit, Standby power consumption
< 30mW at 230VAC
■
Multi-mode and Quasi-Resonant technique achieve high
efficiency, meeting energy star class VI
■
±5% CC Regulation at Universal AC input
■
Primary-side Sensing and Regulation without TL431 and
Opto-coupler
■
Programmable Cable Drop Compensation
■
No-need Control Loop Compensation Capacitance
■
Excellent Protection Coverage:
Over Temperature Protection (OTP)
VDD Under/Over Voltage Protection(UVLO&OVP)
Cycle-by-Cycle Current Limiting (OCP)
Cs Short/Open Protection (CS O/SP)
Output Features
Package/Order Information
Typical power
Order codes
Package
85~265 VAC
PN8370SSC-R1
SOP7
12W
PN8370NEC-T1
DIP8
15W
Typical Application
Snubber
AC
85~265V
DC
Output
FB
GND
Cable
comp
CC/CV
control
OTP
Block
HV
Startup
PW M Switch
&Gate Driver
SUPPLY
&UVLO
VDD
SW
PN8370
OCP
CS


Similar Part No. - PN8370SSC-R1

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8377 MALLORY-PN8377 Datasheet
74Kb / 2P
MSD Billet Crank Trigger Distributors
PN8378 MALLORY-PN8378 Datasheet
74Kb / 2P
MSD Billet Crank Trigger Distributors
More results

Similar Description - PN8370SSC-R1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Wuxi Chipown Micro-elec...
PN8366 CHIPOWN-PN8366 Datasheet
389Kb / 9P
Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com