Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9641BGS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9641BGS
Description  Triple Linear Regulator Controller Support ACPI Control Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BGS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9641BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9641A/B
4
DS9641A/B-11 March 2007
www.richtek.com
Absolute Maximum Ratings
Supply Voltage (V5VSB) -------------------------------------------------------------------------------------- +7.0V
12V -------------------------------------------------------------------------------------------------------------- GND
−0.3V to +14.5V
DLA, DRV2 ----------------------------------------------------------------------------------------------------- GND
−0.3V to V12V+0.3V
All Other Pins ------------------------------------------------------------------------------------------------- GND
−0.3V to 5VSB+0.3V
Package Thermal Resistance
SOP-16,
θJA --------------------------------------------------------------------------------------------------- 100°C/W
Maximum Junction Temperature -------------------------------------------------------------------------- 150
°C
Maximum Storage Temperature Range -----------------------------------------------------------------
−65°C to 150°C
Maximum Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------- 260
°C
Recommended Operating Conditions
Supply Voltage (V5VSB) -------------------------------------------------------------------------------------- +5V
±5%
Secondary Bias Voltage (V12V) ---------------------------------------------------------------------------- +12V
±10%
Digital Inputs (VS3, VS5, VEN3VDL, VEN5VDL) --------------------------------------------------------------- 0 to +5.5V
Junction Temperature Range ------------------------------------------------------------------------------- 0
°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------- 0
°C to 70°C
Electrical Characteristics
CAUTION:
Stresses beyond the ratings specified in
“Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied.
(VCC (12VIN) = 12V, GND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Operating Supply Current
I5VSB
--
7
20
mA
Shutdown Supply Current
I5VSB(OFF)
VSS = 0V, S3 = 0, S5 =0
--
2
10
mA
Power-on Reset, Soft-start, and 12V Monitor
Rising 5VSB POR Threshold
--
2.5
--
V
Rising 12V Threshold
--
10.5
11
V
Soft-start Current
ISS
--
6.5
--
μA
Shutdown Soft-start Voltage
--
0.8
--
V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com