Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9641BGS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9641BGS
Description  Triple Linear Regulator Controller Support ACPI Control Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BGS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9641BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9641A/B
DS9641A/B-11 March 2007
www.richtek.com
1
Triple Linear Regulator Controller Support ACPI Control
Interface
Ordering Information
General Description
The RT9641A/B, paired with either the RT9230 or RT9231
simplifies the implementation of ACPI-compliant designs
in microprocessor and computer applications. The IC
integrates two linear controllers and a low-current pass
transistor, as well as the monitoring and control functions
into a 16-pin SOIC package. One linear controller generates
the 3.3VDUAL voltage plane from an ATX power supply's
5VSB output during sleep states (S3,S4/S5), powering
the PCI slots through an external pass transistor, as
instructed by the status of the 3.3VDUAL enable pin. An
additional pass transistor is used to switch in the ATX
3.3V output for PCI operation during S0 and S1 (active)
operating states. The second linear controller supplies
the computer system's 2.5V/3.3V memory power through
an external pass transistor in active states. During S3
state, an integrated pass transistor supplies the 2.5V/
3.3V sleep-state power. A third controller powers up a
5VDUAL plane by switching in the ATX 5V output in active
states, or the ATX 5VSB in sleep states.
The RT9641A/B's operating mode (active-state outputs
or sleep-state outputs) is selectable through two control
pins: S3 and S5 Further control of the logic governing
activation of different power modes is offered through two
enabling pins: EN3VDL and EN5VDL. In active states, the
3.3VDUAL linear regulator uses an external N-channel pass
MOSFET to connect the output (VOUT1) directly to the
3.3V input supplied by an ATX (or equivalent) power supply,
while incurring minimal losses. In sleep state, the 3.3VDUAL
output is supplied from the ATX 5VSB through a NPN
transistor, also external to the controller. Active state power
delivery for the 2.5V/3.3V or 2.6V/3.43V VMEM output is
done through an external NPN or a NMOS transistor. In
sleep states, conduction on this output is transferred to
an internal pass transistor. The 5VDUAL output is powered
through two external MOS transistors. In sleep states, a
PMOS (or PNP) transistor conducts the current from the
ATX 5VSB output, while in active states, current flow is
transferred to a NMOS transistor connected to the ATX
5V output. Similar to the 3.3VDUAL output, the operation
of the 5VDUAL output is dictated not only by the status of
the S3 and S5 pins, but that of the EN5VDL pin as well.
Features
Provides 3 ACPI-Controlled Voltages
5V Active/Sleep(5VDUAL)
3.3V Active/Sleep(3.3VDUAL)
2.5V/3.3V Active/Sleep(VMEM) with RT9641A
2V/3.43V Active and 2.5V/3.3V Sleep(VMEM) with
RT9641B
Simple Control Design
No Compensation Required
Excellent Output Voltage Accuracy
3.3VDUALOutput :
±±±±± 2.0% ; Sleep States Only
2.5V/3.3V (2.6V/3.43V) Output :
±±±±±2.0% ; Both
Operational States
Fixed Output Voltages Require No Precision
External Resistors
Small Size
Small External Component Count
Selectable 2.5V/3.3V (2.6/3.43) V(MEM) Output Voltage
via FAULT/MSEL Pin
2.5V/2.6V for RDRAM Memory
3.3V/3.43V for SDRAM Memory
Under-Voltage Monitoring of All Outputs with
Centralized FAULT Reporting
Adjustable Soft-start Function Eliminates
5VSB Perturbations
RoHS Compliant and 100% Lead (Pb)-Free
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9641A/B
Package Type
S : SOP-16
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
VMEM Voltage
A : 2.5V/3.3V
B : 2.6V/3.43V
2


Similar Part No. - RT9641BGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641BCS2 RICHTEK-RT9641BCS2 Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
More results

Similar Description - RT9641BGS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6501A INTERSIL-HIP6501A Datasheet
140Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
2000 02
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Intersil Corporation
HIP6501A INTERSIL-HIP6501A_04 Datasheet
333Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
December 30, 2004
logo
Renesas Technology Corp
HIP6501A RENESAS-HIP6501A Datasheet
668Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com