Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9641BGS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9641BGS
Description  Triple Linear Regulator Controller Support ACPI Control Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BGS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9641BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9641A/B
2
DS9641A/B-11 March 2007
www.richtek.com
Pin Configurations
5VSB
EN3VDL
3V3DLSB
3V3DL
EN5VDL
S3
S5
GND
FAULT/MSEL
DLA
5VDLSB
5VDL
SS
12V
DRV2
VSEN2
2
3
4
5
6
7
8
15
14
13
12
11
10
9
16
(T0P VIEW)
SOP-16
Typical Application Circuit
12V
5VSB
3V3DLSB
3V3DL
FAULT/MSEL
S3
S5
EN5VDL
EN3VDL
SS
GND
DRV2
VSEN2
RT9641A/B
5VDLSB
DLA
5VDL
2X150uF
1uF
1uF
100
1/2 HUF7613DK8
MMBT2907A
150uF
1uF
V
OUT3
5V
DUAL
V
OUT2
2.5V
MEM
2SD1802
2X150uF
1uF
V
OUT2
3.3/3.43V
MEM
220uF
470uF
1uF
10uF
1/2 UF76113DK8
1K
200uF
1uF
1uF
2SD1802
+5V
IN
+12V
IN
+3.3V
IN
+5V
SB
V
OUT1
3.3V
DUAL
0.1uF
S3
S5
EN5VDL
EN3VDL
SHUTDOWN
(From Open-drain N-MOS)
180k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com