Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701PBL Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9701PBL
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701PBL Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9701PBL Datasheet HTML 1Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 2Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 3Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 4Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 5Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 6Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 7Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 8Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9701
5
DS9701-13 March 2007
www.richtek.com
EN Threshold vs. Input Voltage
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Rising
Falling
*Test Circuit 3
TA = 25°C
EN Pin Threshold Voltage vs. Input
Short Circuit Current vs. Input Voltage
200
450
700
950
1200
1450
1700
1950
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
TA = 25°C
Short Circuit Current vs. Temperature
500
600
700
800
900
1000
1100
1200
1300
1400
-40
-20
0
204060
80
100
120
Temperature ( C)
(°C)
VIN = 5V
EN Threshold vs. Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
VIN = 5V
Rising
Falling
*Test Circuit 3
EN Pin Threshold Voltage vs.
Turn Off Falling Time vs. Temperature
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
Temperature
RL = 30
Ω
CL = 1uF Ceramic
*Test Circuit 3
(°C)
VIN = 5V
Turn On Rising Time vs. Temperature
0
90
180
270
360
450
540
630
720
-40
-20
0
20
406080
100
120
Temperature
(°C)
VIN = 5V
RL =30
Ω
CL = 1uF Ceramic
*Test Circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com