Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701PBL Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9701PBL
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701PBL Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9701PBL Datasheet HTML 2Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 3Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 4Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 5Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 6Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 7Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 8Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 9Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9701
7
DS9701-13 March 2007
www.richtek.com
Ramped Load Response
Time (1ms/Div)
VIN = 5V, CL = 1uF
VOUT= 5V
VOUT = 4.6V
4.9V
1.1V
Current Limit Threshold
CH2
CH2: IOUT: 500mA/Div
CH1
CIN = 1uF
CH1: VIN: 2V/Div
CH1
CH2
CH2: IOUT: 1A/Div
Soft - start Short Circuit Response
Time (5us/Div)
Inrush Short Circuit Response
Time (25us/Div)
CIN = 1uF, CL = 1000uF
CH1
CH2
CH2: IL: 10A/Div
CH1: VIN: 2V/Div
VDROP=1.2V, depend on CIN ESR
IPEAK : depend on ESR & ESL
Current Limit Response
Time (5us/Div)
Loading trigger
VIN = 5V, CL = 0.1uF
RL = 1
Ω
CH2: IOUT: 1A/Div
CH2
CH1
UVLO at Falling
Time (100ms/Div)
*Test Circuit 2
CH1: VIN: 1V/Div
CH2: VOUT: 1V/ Div
RL = 30
Ω, CL = 1uF
CH1
CH2
CH1
UVLO at Rising
Time (500us/Div)
CH1: VIN: 1V/Div
CH2: VOUT: 1V/Div
RL = 30
Ω, CL = 1uF
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com