Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701PBL Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9701PBL
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701PBL Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9701PBL Datasheet HTML 2Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 3Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 4Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 5Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 6Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 7Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 8Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 9Page - Richtek Technology Corporation RT9701PBL Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9701
6
DS9701-13 March 2007
www.richtek.com
Shutdown Supply Current vs. Temperature
0.0
0.2
0.3
0.5
0.6
0.8
0.9
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
*Test Circuit 3
VIN = 5V
Turn-Off Leakage Current vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20406080
100
120
Temperature (°C)
*Test Circuit 3
VIN = 5V
UVLO Threshold vs. Temperature
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
VIN = 5V
Inrush Current Response
Time (100us/Div)
CL = 100uF
CL = 33uF
IL = 1A/Div, RL = 1
Ω, VIN = 5V
CL = 1uF
Time (100us/Div)
Turn - On Response
*Test Circuit 3
RL = 30
Ω, CL = 1uF
CH1
CH2
CH1: VEN: 5V/Div
CH2: VOUT: 1V/Div
CH2
Turn - Off Response
Time (50us/Div)
*Test Circuit 3
RL = 30
Ω, CL = 1uF
CH1
CH3
CH1: VEN: 5V/Div
CH2: IOUT: 100mA/Div
CH3: VOUT: 2V/Div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com