Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC393 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC393
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC393 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC393 Datasheet HTML 1Page - Silicon Supplies 54HC393 Datasheet HTML 2Page - Silicon Supplies 54HC393 Datasheet HTML 3Page - Silicon Supplies 54HC393 Datasheet HTML 4Page - Silicon Supplies 54HC393 Datasheet HTML 5Page - Silicon Supplies 54HC393 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
High Speed CMOS Logic – 54HC393
 
 
DC Electrical Characteristics Continued (Voltages referenced to GND)
Rev 1.0
7/5/2019
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
FULL RANGE
4
25°C
85°C
 
UNITS
2V
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics5
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN = VIH or VIL
V
│IOUT│≤ 20µA
5.9
5.9
5.9
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.70
Minimum High-Level
Output Voltage
VOH
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
5.48
5.34
5.20
V
2V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.40
V
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.40
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or
GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0V
VIN = VCC or
GND,
IOUT = 0µA
8
80
160
µA
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2V
5.4
4.4
3.6
4.5V
27
22
18
Maximum Clock
Frequency
(50% Duty Cycle)
(Figure 1, 3)
fMAX
6.0V
CL = 50pF,
Input
tr = tf = 6ns
32
26
21
MHz
2V
120
150
180
4.5V
24
30
36
Maximum Propagation
Delay, Clock to Q0
(Figure 1, 3)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
20
26
31
ns
2V
190
240
285
4.5V
38
48
57
Maximum Propagation
Delay, Clock to Q1
(Figure 1, 3)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
32
41
48
ns
2V
240
300
360
4.5V
48
60
72
Maximum Propagation
Delay, Clock to Q2
(Figure 1, 3)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
41
51
61
ns
Page 4 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com