Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC393 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC393
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC393 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC393 Datasheet HTML 1Page - Silicon Supplies 54HC393 Datasheet HTML 2Page - Silicon Supplies 54HC393 Datasheet HTML 3Page - Silicon Supplies 54HC393 Datasheet HTML 4Page - Silicon Supplies 54HC393 Datasheet HTML 5Page - Silicon Supplies 54HC393 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
d 
High Speed CMOS Logic – 54HC393
Rev 1.0
7/5/2019
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Pad Layout and Functions
Logic Diagram
 
 
 
 
 
 
 
 
Function Table
14
12
11
10
9
8
6
5
4
3
2
1
16
15
13
7
DIE ID 
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1CP
0.112
0.657
2
1MR
0.122
0.122
3
1Q0
0.395
0.122
4
NC
0.842
0.122
5
1Q1
1.037
0.122
6
1Q2
1.386
0.122
7
1Q3
1.386
0.457
8
GND
1.386
0.817
9
2Q3
1.386
1.236
10
2Q2
1.386
1.572
11
2Q1
1.037
1.572
12
NC
0.842
1.572
13
2Q0
0.395
1.572
14
1650µm (64.96 mils)
0,0
2MR
0.122
1.572
15
2CP
0.112
1.037
16
VCC
0.112
0.847
CONNECT CHIP BACK TO VCC OR FLOAT
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com