Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC393 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC393
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC393 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC393 Datasheet HTML 1Page - Silicon Supplies 54HC393 Datasheet HTML 2Page - Silicon Supplies 54HC393 Datasheet HTML 3Page - Silicon Supplies 54HC393 Datasheet HTML 4Page - Silicon Supplies 54HC393 Datasheet HTML 5Page - Silicon Supplies 54HC393 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
High Speed CMOS Logic – 54HC393
 
Dual 4-bit negative edge triggered binary ripple counter in bare die form
Rev 1.0
7/5/2019
Features:
 
 
Low Input Current: 1µA
Output Drive Capability: 10 LSTTL loads
Outputs Directly Interface to CMOS, NMOS, & TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 54LS393
 
 
 
 
Full Military Temperature Range.
 
 
 
 
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
The 54HC393 consists of x2 independent 4–bit binary
ripple counters with parallel outputs from each counter
stage. A ÷ 256 counter can be produced by cascading
the two binary counters. Internal flip–flops trigger by
high–to–low transitions of the clock input. Reset for the
counters is asynchronous & active–high. State
changes of the Q outputs do not occur simultaneously
because of internal ripple delays. Therefore, decoded
output signals are subject to decoding spikes & should
not be used as clocks or as strobes except when gated
with the Clock of the HC393.
Description
Die Dimensions in µm (mils)
 
 
 
 
 
 
 
 
 
 
 
 
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Die Size (Unsawn)
1650 x 1800
65 x 70
µm
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
1650 (65)
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 54HC393

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC393 SS-54HC393 Datasheet
457Kb / 6P
High Speed CMOS Logic
54HC393 SS-54HC393 Datasheet
456Kb / 6P
High Speed CMOS Logic
More results

Similar Description - 54HC393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com