Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711APF Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9711APF
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711APF Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9711APF Datasheet HTML 1Page - Richtek Technology Corporation RT9711APF Datasheet HTML 2Page - Richtek Technology Corporation RT9711APF Datasheet HTML 3Page - Richtek Technology Corporation RT9711APF Datasheet HTML 4Page - Richtek Technology Corporation RT9711APF Datasheet HTML 5Page - Richtek Technology Corporation RT9711APF Datasheet HTML 6Page - Richtek Technology Corporation RT9711APF Datasheet HTML 7Page - Richtek Technology Corporation RT9711APF Datasheet HTML 8Page - Richtek Technology Corporation RT9711APF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RT9801A/B
6
DS9801AB-11 March 2007
www.richtek.com
Reset Threshold Deviation vs. Temperature
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
-40
-15
10
35
60
85
Temperature (
°C)
VTH =
VTH = 4.5V
VTH =
VTH = 2.5V
Supply Current vs. Input Voltage
0
1
2
3
4
01
234
5
6
Input Voltage VDD (V)
TA = -30
°C
TA = 25
°C
TA = 80
°C
VTH = 2V
Supply Current vs. Input Voltage
0
1
2
3
4
02
46
Input Voltage VDD (V)
TA = -30
°C
TA = 25
°C
TA = 80
°C
VTH = 2.4V
Supply Current vs. Input Voltage
0
1
2
3
4
5
01
234
5
6
Input Voltage VDD (V)
TA = -30
°C
TA = 25
°C
TA = 80
°C
VTH = 4.5V
Supply Current vs. Input Voltage
0
1
2
3
4
0123
456
Input Voltage VDD (V)
TA = -30
°C
TA = 25
°C
TA = 80
°C
VTH = 3V
Supply Current vs. Input Voltage
0
1
2
3
4
5
0123
456
Input Voltage VDD (V)
VTH = 5V
TA = -30
°C
TA = 25
°C
TA = 80
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com