Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711APF Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9711APF
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711APF Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9711APF Datasheet HTML 1Page - Richtek Technology Corporation RT9711APF Datasheet HTML 2Page - Richtek Technology Corporation RT9711APF Datasheet HTML 3Page - Richtek Technology Corporation RT9711APF Datasheet HTML 4Page - Richtek Technology Corporation RT9711APF Datasheet HTML 5Page - Richtek Technology Corporation RT9711APF Datasheet HTML 6Page - Richtek Technology Corporation RT9711APF Datasheet HTML 7Page - Richtek Technology Corporation RT9711APF Datasheet HTML 8Page - Richtek Technology Corporation RT9711APF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9801A/B
7
DS9801AB-11 March 2007
www.richtek.com
N-Ch Driver Sink Current vs. Input Voltage
0
3
6
9
12
15
18
01
234
5
6
Input Voltage VDD (V)
VTH = 5V
V
RESET
= 0.5V
TA = -30
°C
TA = 25
°C
TA = 80
°C
N-Ch Driver Sink Current vs. Input Voltage
0
2
4
6
8
10
12
14
16
01
23
45
Input Voltage VDD (V)
VTH = 4.5V
V
RESET
= 0.5V
TA = -30
°C
TA = 25
°C
TA = 80
°C
N-Ch Driver Sink Current vs. Input Voltage
0
2
4
6
8
10
12
00.5
11.5
22.533.5
Input Voltage VDD (V)
VTH = 3V
V
RESET
= 0.5V
TA = -30
°C
TA = 25
°C
TA = 80
°C
N-Ch Driver Sink Current vs. Input Voltage
0
2
4
6
8
10
00.5
11.5
22.5
3
Input Voltage VDD (V)
VTH = 2.0V
V
RESET
= 0.5V
TA = -30
°C
TA = 25
°C
TA = 80
°C
N-Ch Driver Sink Current vs. Input Voltage
0
2
4
6
8
10
00.511.5
2
2.5
3
Input Voltage VDD (V)
VTH = 2.5V
V
RESET
= 0.5V
TA = -30
°C
TA = 25
°C
TA = 80
°C
Reset Active Timeout Period vs. Temperature
50
100
150
200
250
300
350
-40
-15
10
35
60
85
Temperature
VTH = 4.5V
VTH =
VTH =
VTH = 2.4V
VTH =
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com