Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711APF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9711APF
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711APF Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9711APF Datasheet HTML 1Page - Richtek Technology Corporation RT9711APF Datasheet HTML 2Page - Richtek Technology Corporation RT9711APF Datasheet HTML 3Page - Richtek Technology Corporation RT9711APF Datasheet HTML 4Page - Richtek Technology Corporation RT9711APF Datasheet HTML 5Page - Richtek Technology Corporation RT9711APF Datasheet HTML 6Page - Richtek Technology Corporation RT9711APF Datasheet HTML 7Page - Richtek Technology Corporation RT9711APF Datasheet HTML 8Page - Richtek Technology Corporation RT9711APF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9801A/B
8
DS9801AB-11 March 2007
www.richtek.com
Output Delay Time vs. Load Capacitance
1
10
100
1000
0.0001
0.001
0.01
0.1
Load Capacitance COUT ( uF )
TA = 25
°C
VTH =
VTH =
VTH =
VTH =
VTH = 3V
VDD Drop to Reset Delay vs. Temperature
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
Temperature( C)
VDROP = 150mV
VDROP = 250mV
VDROP = 200mV
(
°C)
VTH =
VDD Drop to Reset Delay vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
Temperature ( C)
(
°C)
VDROP = 150mV
VDROP = 250mV
VDROP = 200mV
VTH =
VDD Drop to Reset Delay vs. Temperature
0.0
0.3
0.6
0.9
1.2
1.5
-40
-15
10
35
60
85
Temperature
VDROP = 150mV
VDROP = 250mV
VDROP = 200mV
(
°C)
VTH =
VDD Drop to Reset Delay vs. Temperature
0.0
0.3
0.6
0.9
1.2
1.5
-40
-15
10
35
60
85
Temperature
V
DROP = 150mV
VDROP = 250mV
VDROP = 200mV
(
°C)
VTH =
VDD Drop to Reset Delay vs. Temperature
0.0
0.3
0.6
0.9
1.2
1.5
-40
-15
10
35
60
85
Temperature
VDROP = 150mV
VDROP = 250mV
VDROP = 200mV
(
°C)
VTH =



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com