Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL253 Datasheet(PDF) 3 Page - DFI Inc

Part # ASL253
Description  Intel Atom® RE Series 4" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL253 Datasheet(HTML) 3 Page - DFI Inc

  ASL253 Datasheet HTML 1Page - DFI Inc ASL253 Datasheet HTML 2Page - DFI Inc ASL253 Datasheet HTML 3Page - DFI Inc ASL253 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
Intel Atom® RE Series
Intel® Atom® X7211RE 2 Cores, 1.0GHz to 3.2 GHz
Intel® Atom® X7213RE 2 Cores, 2.0GHz to 3.4 GHz
Intel® Atom® X7433RE 4 Cores, 1.5GHz to 3.4 GHz
Intel® Atom® X7835RE 8 Cores, 1.3GHz to 3.6 GHz
Memory
8GB/16GB LPDDR5 4800 Memory down
BIOS
AMI SPI 256Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® UHD Graphics
Feature
Execution Units: Up to 32 EUs
3D API: Open GL 4.6, DirectX12, Vulkan 1.2 (Windows)
Mesa 3D, OpenGL 4.6, Vulkan 1.2 (Linux)
Precision: FP32, FP16, INT8
Compute: OpenCL 3.0
Display
1 x eDP(Default)/LVDS
1 x HDMI 1.4
1 x USB-C Alt. Mode, one more USB-C(opt.)
STORAGE
Internal
1 x M.2 2242/2280 M key (SATA/PCIe)
1 x SATA III
eMMC
eMMC 32GB/64GB (Opt.)
EXPANSION
Interface
1 x M.2 2242/2280 M key: PCIex1/SATA
1 x M.2 2230 E Key: USB2.0/PCIe
1 x M.2 3042/3052 B key: USB3.0/USB2.0/PCIe (PCIe x2 support by project)
AUDIO
Audio Codec
ALC888S
ETHERNET
Controller
2 x Intel Ethernet controller i226 2.5GbE (TSN project support)
1 x Intel Ethernet controller i210 GbE
FRONT I/O
Serial
3 x RS232/422/485 DB9 connector
INTERNAL I/O
Serial
2 x RS232
Display
1 x 40 pin LVDS/eDP (Default eDP)
SATA
1 x SATA 3.0
1 x 5V SATA Power (support SATA HDD LED via front panel)
Front Panel
1 x front panel
SMBus
1 x SMBus
REAR I/O
Ethernet
2 x 2.5GbE RJ45
1 x GbE RJ45
Serial
1 x COM/DIO port
USB
3 x USB 3.2 type A
1 x USB-C 3.2
Display
1 x HDMI
Audio
1 x 3.5mm Line out/Mic In
Storage
1 x MicroSD
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0 support
POWER
Type
Wide Range 9~36VDC
Connector
DC Jack (or vertical type 4pin connector)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 11 IoT Enterprise
Linux
Ubuntu 22.04
ENVIRONMENT
Temperature
Operating: -40 to 80°C with 0.2 m/s air flow
Humidity
Storage: 5 to 90% RH
MECHANISM
Dimensions
4" SBC Form Factor
165mm (6.5") x 115mm (4.53")
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC ClassA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com