Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL253 Datasheet(PDF) 1 Page - DFI Inc

Part # ASL253
Description  Intel Atom® RE Series 4" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL253 Datasheet(HTML) 1 Page - DFI Inc

  ASL253 Datasheet HTML 1Page - DFI Inc ASL253 Datasheet HTML 2Page - DFI Inc ASL253 Datasheet HTML 3Page - DFI Inc ASL253 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Intel Atom® RE Series
4" SBC
KEY FEATURES
ASL253
Atom
Bottom View
Top View
On Board OOB
built-in (Opt.)
Rich I/O
Intel TCC
within the
system
On Board
DDR5 & eMMC
Support
Up to Quad
Display
Support
Hardware status remote
control&monitor, BIOS remote
setup/update, OS remote re-
covery, Open-SSH/ UEFI Shell/
In-Band Windows support
2 2.5GbE, 1 GbE,
4 USB 3.2, 3 COM,
1 COM/DIO, Internal:
1 USB 2.0, 2 COM
Supported by RE series
CPU and TSN standard
up to 2.5GbE. (Opt.)
• LPDDR5 4800 MHz
memory down
• eMMC module –
Easy maintenance
Support via
HDMI/USB-C/eDP,
Quad display support
by Dev
Front Panel
SIM
M.2 3042/3052 B-Key
M.2 2230 E-Key
Intel Atom® RE Series
MicroSD
USB 3.2
2.5G LAN
LAN
USB Type-C
COM4/
DIO
DC-in
Audio HDMI
uSD
M.2 2242/2280 M-key
SATA
eDP/LVDS
COM5/6
COM1
COM2
COM3
OOB


Similar Part No. - ASL253

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL2500SHN NXP-ASL2500SHN Datasheet
1Mb / 39P
Two phase boost converter
Rev. 3-26 October 2017
ASL2507SHN NXP-ASL2507SHN Datasheet
551Kb / 56P
Single-phase and two-phase boost converter with limp-home mode
Rev. 1 ??26 April 2018
More results

Similar Description - ASL253

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
DFI Inc
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
BT253 DFI-BT253 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
BT259 DFI-BT259 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
MIO-5152 ADVANTECH-MIO-5152 Datasheet
5Mb / 6P
Intel® Atom® x6000E series and Intel Celeron N and J series 3.5" SBC
27-May-2022
MIO-5850 ADVANTECH-MIO-5850 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com