Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL253 Datasheet(PDF) 4 Page - DFI Inc

Part # ASL253
Description  Intel Atom® RE Series 4" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL253 Datasheet(HTML) 4 Page - DFI Inc

  ASL253 Datasheet HTML 1Page - DFI Inc ASL253 Datasheet HTML 2Page - DFI Inc ASL253 Datasheet HTML 3Page - DFI Inc ASL253 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 12, 2024 DFI Inc.
PACKING LIST
• 1 ASL253 board
• 1 SATA data with 4pin power cable
• 1 Heatsink
ORDERING INFORMATION
Model
Name
Part Number
CPU
Mry.
Down
Operating
Temp.
I/O
Display
Expansion
ASL253
770-ASL2531-000G X7835RE 16GB
-40 to 80°C
•
3 USB-A + 1 USB-C
•
DFI OOB(Opt.)
•
2 2.5GbE + 1 1GbE
•
2 RS232/422/485
•
1 RS232
•
1 RS232/DIO
•
2 RS232 via Pin header
•
1 HDMI
•
1 eDP(Def.)/LVDS
•
1 DP 1.2 Alt. Mode
via USB-C
•
M.2 M key:
PCIe/SATA
•
M.2 B Key:
USB3.0/USB2.0/PCIe
•
M.2 E Key:
USB2.0/PCIe
770-ASL2531-500G X7433RE 16GB
Optional Items
Part Number
Description
Adapter
671-106012-000G
60W 12V inlet C14, locable DC Jack 5.5/2.5mm, cable length 1500mm
Power Cord
332-700010-201G
Power Cord US 3pin 1830mm Length
A81-004003-000G
Power Cord EU 2pin 1830mm Length
A81-000001-000G
Power Cord China 3pin 1830mm Length
A81-000046-000G
Power Cord JP 3pin 1830mm length (with DFI PSE logo)
EMMC module
774-EMMCBD1-000G EMMC Board 64GB, -40°C ~ +85°C
774-EMMCBD1-200G EMMC Board 128GB, -40°C ~ +85°C
OPTIONAL ITEMS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com