Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RAP3101-000G Datasheet(PDF) 3 Page - DFI Inc

Part # 770-RAP3101-000G
Description  AMD® Ryzen™ 7000 Series microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RAP3101-000G Datasheet(HTML) 3 Page - DFI Inc

  770-RAP3101-000G Datasheet HTML 1Page - DFI Inc 770-RAP3101-000G Datasheet HTML 2Page - DFI Inc 770-RAP3101-000G Datasheet HTML 3Page - DFI Inc 770-RAP3101-000G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
AMD Ryzen 9 PRO 7945
AMD Ryzen 7 PRO 7745
AMD Ryzen 5 PRO 7645
Chipset
AMD B650
Memory
Four 288-pin UDIMM up to 128GB (ECC/Non-ECC)
Dual Channel DDR5 5200 MHz
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Navi2 Graphics
Feature
1WGP @2.2GHz max
Display
1 x VGA
1 x DP++
1 x HDMI 2.0
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 3840x2160 @ 60Hz
HDMI: resolution up to 4096x2160 @ 60Hz
Triple Displays
1 VGA + 1 DP++ + 1 HDMI 2.0
EXPANSION
Interface
2 x PCIe x16 (Gen 4, x16 or x8+x8)
2 x PCIe x4 (Gen 4)
1 x M.2 2230 E key
1 x M.2 2242/2260/2280 M key
AUDIO
Audio Codec
Realtek ALC888
ETHERNET
Controller
2 x Intel® I226V
REAR I/O
Ethernet
2 x 2.5GbE (RJ-45)
Serial
1 x RS232
USB
6 x USB 3.2 Gen 2
2 x USB 2.0
Display
1 x VGA
1 x DP++
1 x HDMI
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt. by request, MOQ required)
INTERNAL I/O
Serial
1 x RS-232/422/485
2 x RS232
USB
2 x USB 3.2 Gen1
4 x USB 2.0 (colay vertical Type A)
Audio
1 x Front Audio Header
1 x S/PDIF
SATA
4 x SATA 3.0
RAID 0/1/5/10
DIO
1 x 8-bit DIO
PS/2
1 x PS/2
SMBus/ I2C
1 x SMBus/ I2C
WATCHDOG TIMER Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Nuvoton TPM 2.0
POWER
Type
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
Consumption
TBD
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 11 Enterprise
Windows 10
Linux
Ubuntu 22.04
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
TBD
MECHANISM
Dimensions
microATX Form Factor
244mm (9.6") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: TBD
Bottom Side: TBD
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC Class B, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com