Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RAP3101-000G Datasheet(PDF) 1 Page - DFI Inc

Part # 770-RAP3101-000G
Description  AMD® Ryzen™ 7000 Series microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RAP3101-000G Datasheet(HTML) 1 Page - DFI Inc

  770-RAP3101-000G Datasheet HTML 1Page - DFI Inc 770-RAP3101-000G Datasheet HTML 2Page - DFI Inc 770-RAP3101-000G Datasheet HTML 3Page - DFI Inc 770-RAP3101-000G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AMD® Ryzen™ 7000 Series
microATX
KEY FEATURES
DDR5
4K High
Resolution
Triple
Displays
Multiple
Expansion
Rich I/O
4 DDR5 UDIMM up to
128GB
Supports 4K resolution
1 VGA, 1 DP++, 1 HDMI
2 PCIe x16, 2 PCIe x4,
1 M.2 E key, 1 M.2 M key,
4 SATA 3.0
2 Intel 2.5GbE, 4 COM,
6 USB 3.2 Gen 2,
2 USB 3.2 Gen 1,
6 USB 2.0
RAP310-B650
Top View
AMDB650 Chipset
DDR5 UDIMM
ATX Power
System Fan
AMD AM5
CPU Fan
System Fan
12V ATX Power
SATA
COM1
Line-out
Mic-in
DP++
VGA
HDMI
2.5GLAN 1/2
USB 2.0
USB 3.2 Gen2
S/PDIF
Front LAN LED
Front Audio
PCIe x16
PCIe x4
System Fan
USB 3.2 Gen1
USB 2.0
COM 2/3/4
DIO Power
8-bit DIO
M.2 M key
M.2 E key
Front Panel


Similar Part No. - 770-RAP3101-000G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
770-RK7011-000G DFI-770-RK7011-000G Datasheet
935Kb / 3P
Rockchip Processor Qseven
770-RK7011-100G DFI-770-RK7011-100G Datasheet
935Kb / 3P
Rockchip Processor Qseven
770-RK7011-200G DFI-770-RK7011-200G Datasheet
935Kb / 3P
Rockchip Processor Qseven
770-RNO1711-000G DFI-770-RNO1711-000G Datasheet
1Mb / 3P
AMD® RyzenTM V2000 Series mini-ITX
770-RNO1711-100G DFI-770-RNO1711-100G Datasheet
1Mb / 3P
AMD® RyzenTM V2000 Series mini-ITX
More results

Similar Description - 770-RAP3101-000G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
DT122-GH DFI-DT122-GH Datasheet
963Kb / 5P
AMD Ryzen V1000/R1000 Series Desktop Box PC
GHF51 DFI-GHF51 Datasheet
760Kb / 2P
AMD Ryzen Embedded R1000 Series 1.8" SBC
logo
Advantech Co., Ltd.
DPX-E140 ADVANTECH-DPX-E140 Datasheet
1,003Kb / 2P
AMD Ryzen™ Embedded V-Series Gaming Platform
10-Nov-2021
DPX-J100 ADVANTECH-DPX-J100 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V & R Series Gaming Platform
20-Jul-2022
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
DPX-S451 ADVANTECH-DPX-S451 Datasheet
996Kb / 2P
AMD Ryzen™ Embedded R2000 Gaming Platform
1-Jul-2022
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
logo
AAEON Technology
DENEXT-V2K8 AAEON-DENEXT-V2K8 Datasheet
446Kb / 2P
86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
PICO-V2K4 AAEON-PICO-V2K4 Datasheet
534Kb / 2P
Pico-ITX Board with AMD RYZEN™ V2000 embedded Processor Family
2022/02/01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com