Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RAP3101-000G Datasheet(PDF) 4 Page - DFI Inc

Part # 770-RAP3101-000G
Description  AMD® Ryzen™ 7000 Series microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RAP3101-000G Datasheet(HTML) 4 Page - DFI Inc

  770-RAP3101-000G Datasheet HTML 1Page - DFI Inc 770-RAP3101-000G Datasheet HTML 2Page - DFI Inc 770-RAP3101-000G Datasheet HTML 3Page - DFI Inc 770-RAP3101-000G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
1 RAP310-B650 motherboard
1 COM port cable (Length: 300mm, 2 x COM ports) A81-015026-023G
1 Serial ATA data cable (Length: 500mm)
332-553001-005G
1 I/O shield
TBD
USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
USB 3.2 Gen2 port cable (Length: 350mm)
A81-001075-017G
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
Serial ATA data cable (Length: 500mm, W/LOCK, 90D)
A81-002128-017G
Thermal solution (Cooler)
A71-101159-001G
DP to HDMI Dongle
612-D2H13M-000G
M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
M.2-2LAN (M.2 LAN port module)
770-M22LN1-000G
M.2-2PSE (M.2 PSE module)
770-M22PS1-000G
ORDERING INFORMATION
Model Name
P/N
Memory
2.5 GbE COM USB 3.2 Gen2 USB 3.2 Gen1 USB 2.0 TPM 2.0
Power
Temp.
RAP310-B650
770-RAP3101-000G
4 DDR5 UDIMM
2
4
6
2
4
dTPM
24-pin ATX/
8-pin ATX 12V
-5 to 65°C
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 7, 2024 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com