Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65100PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65100PWPR Datasheet HTML 3Page - Texas Instruments TPS65100PWPR Datasheet HTML 4Page - Texas Instruments TPS65100PWPR Datasheet HTML 5Page - Texas Instruments TPS65100PWPR Datasheet HTML 6Page - Texas Instruments TPS65100PWPR Datasheet HTML 7Page - Texas Instruments TPS65100PWPR Datasheet HTML 8Page - Texas Instruments TPS65100PWPR Datasheet HTML 9Page - Texas Instruments TPS65100PWPR Datasheet HTML 10Page - Texas Instruments TPS65100PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
1.6-MHz
Oscillator
D
S
VFB
1.146 V
Comparator
GM Amplifier
Sawtooth
Generator
VFB
1.146 V
D
S
D
S
D
S
D
S
Vref
1.213 V
Vin
SUP
~1 V
D
S
SUP
SUP
D
S
D
S
SUP
C1−
C1+
Vo3
C2+
C2−
D
S
Vref
1.214 V
Soft Start
Vref
1.213 V
SUP
ENR
BASE
FB4
REF
FB2
DRV
COMP
FB1
VIN
SW
SW
FB3
VCOM
VCOMIN
GND
PGND
PGND
Q1
Q3
Q4
Q5
Q6
Q7
D
S
D
S
Q8
Q9
Q10
Q11
Q12
SUP
EN
VCOM
Buffer
Linear
Regulator
Controller
Reference
Output
Negative
Charge Pump
Positive
Charge Pump
Main boost
converter
Vref
0 V
D1
D4
D2
D3
Disable
GM Amplifier
Low Gain
FB1
FB2
FB3
Q2
SUP
Bias Vref = 1.213 V
Thermal Shutdown
Start-Up Sequencing
Undervoltage Detection
Short-Circuit Protection
Current Limit
and
Soft Start
Control Logic
Gate Drive Circuit
SUP
(VO)
Current
Control
Gain Select
(Doubler or
Tripple Mode)
Soft Start
Iref = 20 mA
Short Circuit
Detect
Soft Start
Current
Control
Soft Start
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
FUNCTIONAL BLOCK DIAGRAM
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com