Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65100PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65100PWPR Datasheet HTML 17Page - Texas Instruments TPS65100PWPR Datasheet HTML 18Page - Texas Instruments TPS65100PWPR Datasheet HTML 19Page - Texas Instruments TPS65100PWPR Datasheet HTML 20Page - Texas Instruments TPS65100PWPR Datasheet HTML 21Page - Texas Instruments TPS65100PWPR Datasheet HTML 22Page - Texas Instruments TPS65100PWPR Datasheet HTML 23Page - Texas Instruments TPS65100PWPR Datasheet HTML 24Page - Texas Instruments TPS65100PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
VIN
COMP
VCOMIN
EN
ENR
C1+
C1−
DRV
FB2
REF
FB4
BASE
SW
SW
FB1
SUP
C2+
C2−/MODE
OUT3
FB3
VCOM
PGND
PGND
GND
TPS65100
D1
D2
D3
C5
C9
Q1
BCP68
Vin
5 V
C3
22
µF
2.2 nF
R7
500 k
Ω
VO1
R8
500 k
Ω
C1
0.22
µF
C12
0.22
µF
VO2
−7 V/20 mA
C6
0.22
µF
C11
220 nF
Vin
C12
1
µF
L1
4.7
µH
CDRH5D18−4R1
C10
4.7
µF
VO4
3.3 V/500 mA
C4
22
µF
VO3
23 V/20 mA
VO1
13.5 V/400 mA
C7
0.22
µF
Vcom
7 V
C8
1
µF
R1
820 k
Ω
3.3 pF
R2
75 k
Ω
R5
1 M
Ω
R6
56 k
Ω
R4
130 k
Ω
R3
750 k
Ω
R9
4.3 k
Ω
C14
1 nF
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
Figure 24. Typical Application, Monitor Supply
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com