Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65100PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65100PWPR Datasheet HTML 12Page - Texas Instruments TPS65100PWPR Datasheet HTML 13Page - Texas Instruments TPS65100PWPR Datasheet HTML 14Page - Texas Instruments TPS65100PWPR Datasheet HTML 15Page - Texas Instruments TPS65100PWPR Datasheet HTML 16Page - Texas Instruments TPS65100PWPR Datasheet HTML 17Page - Texas Instruments TPS65100PWPR Datasheet HTML 18Page - Texas Instruments TPS65100PWPR Datasheet HTML 19Page - Texas Instruments TPS65100PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
Load Step
Compensation
VIN
COMP
RC
15 k
Ω
CC
1 nF
fz +
1
2
p
Cc
Rc
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
Figure 16. Load Step Caused By A Too Large Feedforward Capacitor Value
The regulator loop can be compensated by adjusting the external components connected to the COMP pin. The
COMP pin is connected to the output of the internal transconductance error amplifier. A typical compensation
scheme is shown in Figure 17.
Figure 17. Compensation Network
The compensation capacitor CC adjusts the low frequency gain and the resistor value adjusts the high frequency
gain. The formula below calculates at what frequency the resistor increases the high frequency gain.
Lower input voltages require a higher gain and therefore a lower compensation capacitor value. A good start is
CC = 1 nF for a 3.3-V input and CC = 2.2 nF for a 5-V input. If the device operates over the entire input voltage
range from 2.7 V to 5.8 V, a large compensation capacitor up to 10 nF is recommended. Figure 18 shows the
load transient with a larger compensation capacitor, and Figure 19 shows a smaller compensation capacitor.
Figure 18. Cc = 4.7 nF
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com