Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1863 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1863
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1863 Datasheet HTML 8Page - Linear Technology LTC1863 Datasheet HTML 9Page - Linear Technology LTC1863 Datasheet HTML 10Page - Linear Technology LTC1863 Datasheet HTML 11Page - Linear Technology LTC1863 Datasheet HTML 12Page - Linear Technology LTC1863 Datasheet HTML 13Page - Linear Technology LTC1863 Datasheet HTML 14Page - Linear Technology LTC1863 Datasheet HTML 15Page - Linear Technology LTC1863 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1863/LTC1867
13
18637f
If the CS/CONV returns low during a bit decision, it can
create a small error. For best performance ensure that the
CS/CONV returns low either within 100ns after the conver-
sion starts (i.e. before the first bit decision) or after the
conversion ends. If CS/CONV is low when the conversion
ends, the MSB bit will appear on SDO at the end of the
conversion and the ADC will remain powered up.
Sleep Mode
If the SLP = 1 is selected in the input word, the ADC will
enter SLEEP mode and draw only leakage current (pro-
vided that all the digital inputs stay at GND or VDD). After
release from the SLEEP mode, the ADC need 60ms to wake
up (2.2
µF/10µF bypass capacitors on VREF/REFCOMP
pins).
Broad Layout and Bypassing
To obtain the best performance, a printed circuit board
with a ground plane is required. Layout for the printed
circuit board should ensure digital and analog signal lines
are separated as much as possible. In particular, care
should be taken not to run any digital signal alongside an
analog signal.
APPLICATIO S I FOR ATIO
All analog inputs should be screened by GND. VREF,
REFCOMP and VDD should be bypassed to this ground
plane as close to the pin as possible; the low impedance of
the common return for these bypass capacitors is essen-
tial to the low noise operation of the ADC. The width for
these tracks should be as wide as possible.
Timing and Control
Conversion start is controlled by the CS/CONV digital
input. The rising edge transition of the CS/CONV will start
a conversion. Once initiated, it cannot be restarted until the
conversion is complete. Figures 6 and 7 show the timing
diagrams for two types of CS/CONV pulses.
Example 1 (Figure 6) shows the LTC1863/LTC1867 oper-
ating in automatic nap mode with CS/CONV signal staying
HIGH after the conversion. Automatic nap mode provides
power reduction at reduced sample rate. The ADCs can
also operate with the CS/CONV signal returning LOW
before the conversion ends. In this mode (Example 2,
Figure 7), the ADCs remain powered up.
Figures 8 and 9 are the transfer characteristics for the
bipolar and unipolar mode.
S0
SD
0S
S1
COM
UNI
SLP
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1/fSCK
CS/CONV
SCK
SDI
SDO
(LTC1863)
Hi-Z
D12
D15
D14
D13
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Hi-Z
123456789
10
11
12
13
14
15
16
1867 F06
DON'T CARE
DON'T CARE
NOT NEEDED FOR LTC1863
tCONV
NAP MODE
SDO
(LTC1867)
MSB
MSB
Figure 6. Example 1, CS/CONV Starts a Conversion and Remains HIGH Until Next Data Transfer. With CS/CONV Remaining HIGH after
the Conversion, Automatic Nap Modes Provides Power Reduction at Reduced Sample Rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com