Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1863 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1863
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863 Datasheet(HTML) 4 Page - Linear Technology

  LTC1863 Datasheet HTML 1Page - Linear Technology LTC1863 Datasheet HTML 2Page - Linear Technology LTC1863 Datasheet HTML 3Page - Linear Technology LTC1863 Datasheet HTML 4Page - Linear Technology LTC1863 Datasheet HTML 5Page - Linear Technology LTC1863 Datasheet HTML 6Page - Linear Technology LTC1863 Datasheet HTML 7Page - Linear Technology LTC1863 Datasheet HTML 8Page - Linear Technology LTC1863 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1863/LTC1867
4
18637f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
(Note 9)
4.75
5.25
V
IDD
Supply Current
fSAMPLE = 200ksps
q
1.3
1.8
mA
NAP Mode
150
µA
SLEEP Mode
q
0.2
3
µA
PDISS
Power Dissipation
q
6.5
9
mW
TI I G CHARACTERISTICS The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE
Maximum Sampling Frequency
q
200
kHz
tCONV
Conversion Time
q
3
3.5
µs
tACQ
Acquisition Time
q
1.5
1.1
µs
fSCK
SCK Frequency
40
MHz
t1
CS/CONV High Time
Short CS/CONV Pulse Mode
q
40
100
ns
t2
SDO Valid After SCK
↓
CL = 25pF (Note 11)
q
13
22
ns
t3
SDO Valid Hold Time After SCK
↓
CL = 25pF
q
511
ns
t4
SDO Valid After CS/CONV
↓
CL = 25pF
q
10
30
ns
t5
SDI Setup Time Before SCK
↑
q
15
–6
ns
t6
SDI Hold Time After SCK
↑
q
10
4
ns
t7
SLEEP Mode Wake-Up Time
CREFCOMP = 10µF, CVREF = 2.2µF60
ms
t8
Bus Relinquish Time After CS/CONV
↑
CL = 25pF
q
20
40
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND (unless otherwise
noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA without latchup.
Note 4: When these pin voltages are taken below GND, they will be
clamped by internal diodes. This product can handle input currents of
greater than 100mA below GND without latchup. These pins are not
clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 200ksps at 25°C, tr = tf = 5ns and
VIN– = 2.5V for bipolar mode unless otherwise specified.
Note 6: Linearity, offset and gain error specifications apply for both
unipolar and bipolar modes. The INL and DNL are tested in bipolar mode.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Unipolar offset is the offset voltage measured from +1/2LSB
when the output code flickers between 0000 0000 0000 0000 and
0000 0000 0000 0001 for LTC1867 and between 0000 0000 0000 and
0000 0000 0001 for LTC1863. Bipolar offset is the offset voltage
measured from –1/2LSB when output code flickers between 0000 0000
0000 0000 and 1111 1111 1111 1111 for LTC1867, and between
0000 0000 0000 and 1111 1111 1111 for LTC1863.
Note 9: Recommended operating conditions. The input range of
±2.048V
for bipolar mode is measured with respect to VIN– = 2.5V.
Note 10: Guaranteed by design, not subject to test.
Note 11: t2 of 25ns maximum allows fSCK up to 20MHz for rising capture
with 50% duty cycle and fSCK up to 40MHz for falling capture (with 3ns
setup time for the receiving logic).
POWER REQUIRE E TS The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
LTC1863/LTC1867/LTC1867A
LTC1863/LTC1867/LTC1867A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com