Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1863 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1863
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1863 Datasheet HTML 2Page - Linear Technology LTC1863 Datasheet HTML 3Page - Linear Technology LTC1863 Datasheet HTML 4Page - Linear Technology LTC1863 Datasheet HTML 5Page - Linear Technology LTC1863 Datasheet HTML 6Page - Linear Technology LTC1863 Datasheet HTML 7Page - Linear Technology LTC1863 Datasheet HTML 8Page - Linear Technology LTC1863 Datasheet HTML 9Page - Linear Technology LTC1863 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1863/LTC1867
6
18637f
fSAMPLE (ksps)
1
2.0
1.5
1.0
0.5
0
10
100
1000
18637 G10
SUPPLY VOLTAGE (V)
4.5
5.5
18637 G11
4.75
5.0
5.25
1.5
1.4
1.3
1.2
1.1
1.0
TEMPERATURE (
°C)
–50
1.5
1.4
1.3
1.2
1.1
1.0
–25
025
50
18637 G12
75
100
VDD = 5V
VDD = 5V
fSAMPLE = 200ksps
VDD = 5V
fSAMPLE = 200ksps
OUTPUT CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
1024
2048 2560
18637 G13
512
1536
3072 3584 4096
OUTPUT CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
1024
2048 2560
18637 G14
512
1536
3072 3584 4096
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs fSAMPLE
Supply Current vs Supply Voltage
Supply Current vs Temperature
(LTC1863/LTC1867)
Differential Nonlinearity vs
Output Code (LTC1863)
Integral Nonlinearity vs Output
Code (LTC1863)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com