Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1053CSW
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1053CSW Datasheet HTML 8Page - Linear Technology LTC1053CSW Datasheet HTML 9Page - Linear Technology LTC1053CSW Datasheet HTML 10Page - Linear Technology LTC1053CSW Datasheet HTML 11Page - Linear Technology LTC1053CSW Datasheet HTML 12Page - Linear Technology LTC1053CSW Datasheet HTML 13Page - Linear Technology LTC1053CSW Datasheet HTML 14Page - Linear Technology LTC1053CSW Datasheet HTML 15Page - Linear Technology LTC1053CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1051/LTC1053
12
10513fa
+
–
R1
R2
RR
1/4
LTC1053
2
3
1
+
–
R1
R2
R
1/4
LTC1053
+
–
1/4
LTC1053
6
5
7
+
–
R1
R2
R
1/4
LTC1053
9
10
13
12
14
4
11
8
VIN
0.1µF
0.1µF
5V
–5V
VOUT
VOUT/VIN = 3(R2/R1); INPUT DC – 10Hz NOISE
≅ 0.8µVP-P = NOISE OF EACH PARALLELED OP AMP/√3
NOTE: THIS CIRCUIT CAN ALSO BE USED AS A
DIFFERENCE AMPLIFIER FOR STRAIN GAUGES.
CONNECT R2/3 AND R1/3 FROM NONINVERTING
INPUTS, SHORTED TOGETHER, TO GROUND AND
TO SOURCE RESPECTIVELY.
1051/53 AC02
+
–
–
+
1/4
LTC1053
+
–
1/4
LTC1053
+
–
1/4
LTC1053
1/4
LTC1053
9
10
12
13
2
3
5
6
7
1
14
10k
10k
10k
10k
10k
20k
20k
10k
8
4
11
0.1µF
0.1µF
0.1µF
0.1µF
5V
–5V
IOUT
RLOAD
1051/53 AC03
20k
10k
10k
RG
V1
V2
• IOUT = 2(V2 – V1)/RG
• BW = 100Hz
• IOUTMAX = 1mA
–
+
–
+
–
+
–
+
5V
2
7
5
4
GND
LT1025A
R–
K
100Ω
100Ω
100Ω
255k
0.068µF
255k
0.068µF
255k
0.068µF
0.1µF
0.1µF
0.1µF
1k
1k
1k
1/4
LTC1053
1/4
LTC1053
1/4
LTC1053
1/4
LTC1053
10k
10k
10k
10k
5V
ABSOLUTE
TEMPERATURE
ABSOLUTE
TEMPERATURE
OUTPUT
(DIFFERENTIAL
TEMPERATURE)
13
12
14
4
11
TREF
TYPE K
+
–
TYPE K
+
–
TYPE K
+
–
6
5
7
2
3
1
9
10
8
T2
T1
ALL FIXED RESISTORS ARE 1% METAL FILM
OUTPUT = TREF – T1 OR TREF – T2(10mV PER °C)
ACCURACY = (±0.1% FROM 25°C TO 150°C)
1051/53 AC04
S1
Paralleling Choppers to Improve Noise
Differential Voltage to Current Converter
Multiplexed Differential Thermometer
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com