Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1053CSW
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1053CSW Datasheet HTML 8Page - Linear Technology LTC1053CSW Datasheet HTML 9Page - Linear Technology LTC1053CSW Datasheet HTML 10Page - Linear Technology LTC1053CSW Datasheet HTML 11Page - Linear Technology LTC1053CSW Datasheet HTML 12Page - Linear Technology LTC1053CSW Datasheet HTML 13Page - Linear Technology LTC1053CSW Datasheet HTML 14Page - Linear Technology LTC1053CSW Datasheet HTML 15Page - Linear Technology LTC1053CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1051/LTC1053
10513fa
–
+
0.1µF
0.1µF
1/2
LTC1051
1/2
LTC1051
Q1
Q1
0.0022µF
22pF
10k
0.1%
1k
0.1%
VIN
1nA < IIN <1mA
VOUT = LOG VIN –2V
2M
15.8k
0.1%
3k
0.1%
1N4148
5V
5V
2.5V
–5V
1
2
3
4
5
6
7
8
2.5M
0.1%
LT1009
Q1: TEL LAB TYPE Q81
ADJUST 2M POR. FOR NONLINEARITIES
1051/53 AC05
Six Decade Log Amplifier
Dual Instrumentation Amplifier
Linearized Platinum Signal Conditioner
–
+
1/2
LTC1051
5
6
7
5V
1µF
1µF
–
+
1/2
LTC1051
3
2
1
5V
8
4
6
5
2
3
4
18
17
16
1µF
7
11
12
14
13
0.01µF
1k
GAIN
ADJUST
5k
1k
8.06k*
0V TO 4V =
0°C TO 400°C
±0.05°C
8.25k*
274k*
10k*
50k
ZERO
ADJUST
250k*
LT1009
2.5V
2.4k
RP = ROSEMOUNT 118MFRTD
*1% FILM RESISTOR
TRIM SEQUENCE:
SET SENSOR TO 0°C VALUE. ADJUST ZERO FOR 0V OUT
SET SENSOR TO 100°C VALUE. ADJUST GAIN FOR 1.000V OUT
SET SENSOR TO 400°C VALUE. ADJUST LINEARITY FOR 4.000V OUT
REPEAT AS REQUIRED. FOR MORE INFORMATION REFER TO AN3
15
887Ω
1µF
0.1µF
2k
1/2 LTC1043
1/2 LTC1043
RP
100Ω
AT 0°C
IK
1051/53 AC07
(LINEARITY CORRECTION LOOP)
8
–
+
1/2
LTC1051
3
2
1
1k
0.22µF
100k
5V
5V
VOUT1
VOUT2
1µF
1µF
–
+
1/2
LTC1051
5
6
7
4
8
1k
0.22µF
0.0047µF
100k
1µF
8
7
11
12
14
13
1µF
5
6
2
3
17
15
18
4
16
–
+
–
+
INPUT 1
INPUT 2
GAIN = 101V/DIV
CMRR >100dB
VOS ≅ 3µV
INPUT REFERRED NOISE ≅ 2µVP-P
1051/53 AC06
LTC1043
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com