Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1053CSW
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1053CSW Datasheet HTML 8Page - Linear Technology LTC1053CSW Datasheet HTML 9Page - Linear Technology LTC1053CSW Datasheet HTML 10Page - Linear Technology LTC1053CSW Datasheet HTML 11Page - Linear Technology LTC1053CSW Datasheet HTML 12Page - Linear Technology LTC1053CSW Datasheet HTML 13Page - Linear Technology LTC1053CSW Datasheet HTML 14Page - Linear Technology LTC1053CSW Datasheet HTML 15Page - Linear Technology LTC1053CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1051/LTC1053
16
10513fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
 LINEAR TECHNOLOGY CORPORATION 1990
LW/TP 1202 1K REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1047
Dual µPower Zero-Drift 0p Amp
IS = 80µA/0p Amp, 16-Lead SW Package
LTC1049
Low Power Zero-Drift 0p Amp
IS = 200µA, SO-8 Package
LTC1050
Precision Zero-Drift Op Amp with Internal
VOS (Max) = 5µV, VSUPPLY (Max) = 16.5V
Capacitors
LTC2050/LTC2051/LTC2052
Single/Dual/Quad Zero-Drift 0p Amps
SOT-23/MS8/GN16 Packages
LTC2053
Zero-Drift Instrumentation Amp
Resistor Programmable Gain, R-R
+
–
+
–
1/2
LTC1051
1/2
LTC1051
R2A
10k
R2B
50k
R1A
10k
R3A
26.7k
R1B
50k
R3B
412k
CA
0.22µF
CB
0.022µF
C1A
0.022µF
C1B
0.0022µF
VIN
WIDEBAND RMS NOISE 4.5µVRMS
THD + NOISE ≅ 0.0005% (= 106dB DYNAMIC RANGE), 2VRMS ≤ VIN ≤ 3VRMS
VOS OUT < 10µV
1051/53 AC10
VOUT
VIN (VRMS), fIN = 30Hz
0.0001
0.001
0.01
0.1
1051/53 AC09
0.1
1.0
5.0
60dB
80dB
100dB
120dB
VS = ±5V
VS = ±8V
–
+
1/2
LTC1051
R1
16.5k
R2
118k
R3
21k
C1
0.1µF
C
0.1µF
C2
0.1µF
0.1µF
0.1µF
VIN
VOUT
WIDEBAND NOISE 9µVRMS
THD + NOISE ≅ 0.0012%, 1VRMS < VIN < 2VRMS, VS = ±8V
VOS(OUT) < 5µV
8V
–8V
1
2
3
1051/53 AC08
VIN (VRMS), fIN = 30Hz
0.0001
0.001
0.01
0.1
1051/53 AC11
0.1
1.0
5.0
60dB
80dB
100dB
120dB
VS = ±5V
VS = ±8V
DC Accurate, 3rd Order, 100Hz, Butterworth Antialiasing Filter
Dynamic Range
DC Accurate, 18-Bit, 4th Order Antialiasing Bessel (Linear Phase),
100Hz, Lowpass Filter
Dynamic Range
TYPICAL APPLICATIO S
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com