Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867AIGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1867AIGN
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867AIGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1867AIGN Datasheet HTML 3Page - Linear Technology LTC1867AIGN Datasheet HTML 4Page - Linear Technology LTC1867AIGN Datasheet HTML 5Page - Linear Technology LTC1867AIGN Datasheet HTML 6Page - Linear Technology LTC1867AIGN Datasheet HTML 7Page - Linear Technology LTC1867AIGN Datasheet HTML 8Page - Linear Technology LTC1867AIGN Datasheet HTML 9Page - Linear Technology LTC1867AIGN Datasheet HTML 10Page - Linear Technology LTC1867AIGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1863/LTC1867
7
18637f
PI FU CTIO S
CHO-CH7/COM (Pins 1-8): Analog Input Pins. Analog
inputs must be free of noise with respect to GND. CH7/
COM can be either a separate channel or the common
minus input for the other channels.
REFCOMP (Pin 9): Reference Buffer Output Pin. Bypass to
GND with 10
µF tantalum capacitor in parallel with 0.1µF
ceramic capacitor (4.096V Nominal). To overdrive
REFCOMP, tie VREF to GND.
VREF (Pin 10): 2.5V Reference Output. This pin can also be
used as an external reference buffer input for improved
accuracy and drift. Bypass to GND with 2.2
µF tantalum
capacitor in parallel with 0.1
µF ceramic capacitor.
CS/CONV (Pin 11): This input provides the dual function
of initiating conversions on the ADC and also frames the
serial data transfer.
SCK (Pin 12): Shift Clock. This clock synchronizes the
serial data transfer.
SDO (Pin 13): Digital Data Output. The A/D conversion
result is shifted out of this output. Straight binary format
for unipolar mode and two’s complement format for
bipolar mode.
SDI (Pin 14): Digital Data Input Pin. The A/D configuration
word is shifted into this input.
GND (Pin 15): Analog and Digital GND.
VDD (Pin 16): Analog and Digital Power Supply. Bypass to
GND with 10
µF tantalum capacitor in parallel with 0.1µF
ceramic capacitor.
TEST CIRCUITS
TYPICAL CO
ECTIO
DIAGRA
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
VDD
GND
SDI
SDO
SCK
CS/CONV
VREF
REFCOMP
LTC1863/
LTC1867
–
+
+
DIGITAL
I/O
5V
4.096V
10
µF
2.2
µF
2.5V
±2.048V
DIFFERENTIAL
INPUTS
4.096V
SINGLE-ENDED
INPUT
18637 TCD
3k
(A) Hi-Z TO VOH AND VOL TO VOH
CL
3k
5V
DN
DN
(B) Hi-Z TO VOL AND VOH TO VOL
CL
18637 TC01
3k
(A) VOH TO Hi-Z
CL
3k
5V
DN
DN
(B) VOL TO Hi-Z
CL
18637 TC02
Load Circuits for Access Timing
Load Circuits for Output Float Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com