Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867AIGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1867AIGN
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867AIGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1867AIGN Datasheet HTML 8Page - Linear Technology LTC1867AIGN Datasheet HTML 9Page - Linear Technology LTC1867AIGN Datasheet HTML 10Page - Linear Technology LTC1867AIGN Datasheet HTML 11Page - Linear Technology LTC1867AIGN Datasheet HTML 12Page - Linear Technology LTC1867AIGN Datasheet HTML 13Page - Linear Technology LTC1867AIGN Datasheet HTML 14Page - Linear Technology LTC1867AIGN Datasheet HTML 15Page - Linear Technology LTC1867AIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC1863/LTC1867
14
18637f
APPLICATIO S I FOR ATIO
Figure 7. Example 2, CS/CONV Starts a Conversion with Short Active HIGH Pulse.
With CS/CONV Returning LOW Before the Conversion, the ADC Remains Powered Up.
INPUT VOLTAGE (V)
1867 F09
111...111
111...110
100...001
100...000
000...000
000...001
011...110
011...111
FS – 1LSB
0V
UNIPOLAR
ZERO
FS = 4.096
1LSB = FS/2n
1LSB = (LTC1863) = 1mV
1LSB = (LTC1867) = 62.5
µV
Figure 8. LTC1863/LTC1867 Bipolar Transfer
Characteristics (Two’s Complement)
Figure 9. LTC1863/LTC1867 Unipolar Transfer
Characteristics (Straight Binary)
S0
SD
0S
S1
COM UNI
SLP
MSB = D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CS/CONV
SCK
SDI
SDO
(LTC1867)
Hi-Z
123456789
10
11
12
13
14
15
16
tCONV
D12
MSB = D15
D14
D13
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Hi-Z
1867 F07
tCONV
DON'T CARE
DON'T CARE
NOT NEEDED FOR LTC1863
tACQ
SDO
(LTC1863)
INPUT VOLTAGE (V)
0V
–1
LSB
1867 F08
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
FS = 4.096
1LSB = FS/2n
1LSB = (LTC1863) = 1mV
1LSB = (LTC1867) = 62.5
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com