Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867AIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1867AIGN
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867AIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1867AIGN Datasheet HTML 8Page - Linear Technology LTC1867AIGN Datasheet HTML 9Page - Linear Technology LTC1867AIGN Datasheet HTML 10Page - Linear Technology LTC1867AIGN Datasheet HTML 11Page - Linear Technology LTC1867AIGN Datasheet HTML 12Page - Linear Technology LTC1867AIGN Datasheet HTML 13Page - Linear Technology LTC1867AIGN Datasheet HTML 14Page - Linear Technology LTC1867AIGN Datasheet HTML 15Page - Linear Technology LTC1867AIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1863/LTC1867
12
18637f
Digital Interface
The LTC1863/LTC1867 have very simple digital interface
that is enabled by the control input, CS/CONV. A logic
rising edge applied to the CS/CONV input will initiate a
conversion. After the conversion, taking CS/CONV low will
enable the serial port and the ADC will present digital data
in two’s complement format in bipolar mode or straight
binary format in unipolar mode, through the SCK/SDO
serial port.
Internal Clock
The internal clock is factory trimmed to achieve a typical
conversion time of 3
µs and a maximum conversion time,
3.5
µs, over the full operating temperature range. The
typical acquisition time is 1.1
µs, and a throughput sam-
pling rate of 200ksps is tested and guaranteed.
Automatic Nap Mode
The LTC1863/LTC1867 go into automatic nap mode when
CS/CONV is held high after the conversion is complete.
With a typical operating current of 1.3mA and automatic
150
µA nap mode between conversions, the power dissi-
pation drops with reduced sample rate. The ADC only
keeps the VREF and REFCOMP voltages active when the
part is in the automatic nap mode. The slower the sample
rate allows the power dissipation to be lower (see
Figure 5).
R2
R3
REFERENCE
AMP
10
µF
2.2
µF
REFCOMP
GND
VREF
R1
6k
10
9
15
2.5V
4.096V
LTC1863/LTC1867
1867 F04a
BANDGAP
REFERENCE
10
0.1
µF
10
µF
1867 F04b
LT1019A-2.5
VOUT
VIN
5V
VREF
LTC1863/
LTC1867
GND
REFCOMP
15
9
+
2.2
µF
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics.
Internal Reference
The LTC1863/LTC1867 has an on-chip, temperature com-
pensated, curvature corrected, bandgap reference that is
factory trimmed to 2.5V. It is internally connected to a
reference amplifier and is available at VREF (Pin 10). A 6k
resistor is in series with the output so that it can be easily
overdriven by an external reference if better drift and/or
accuracy are required as shown in Figure 4. The reference
amplifier gains the VREF voltage by 1.638V to 4.096V at
REFCOMP (Pin 9). This reference amplifier compensation
pin, REFCOMP, must be bypassed with a 10
µF ceramic or
tantalum in parallel with a 0.1
µF ceramic for best noise
performance.
Figure 4b. Using the LT1019-2.5 as an External Reference
Figure 4a. LT1867 Reference Circuit
APPLICATIO S I FOR ATIO
fSAMPLE (ksps)
1
2.0
1.5
1.0
0.5
0
10
100
1000
18637 G10
VDD = 5V
Figure 5. Supply Current vs fSAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com